Electronic Components Datasheet Search
  English  ▼

X  

F1100 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1100
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1100 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1100 Datasheet HTML 1Page - Renesas Technology Corp F1100 Datasheet HTML 2Page - Renesas Technology Corp F1100 Datasheet HTML 3Page - Renesas Technology Corp F1100 Datasheet HTML 4Page - Renesas Technology Corp F1100 Datasheet HTML 5Page - Renesas Technology Corp F1100 Datasheet HTML 6Page - Renesas Technology Corp F1100 Datasheet HTML 7Page - Renesas Technology Corp F1100 Datasheet HTML 8Page - Renesas Technology Corp F1100 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
RF to IF Dual Downconverting Mixer
1700 - 2200 MHz F1150NBGI
IDT Zero-Distortion
TM Mixer
1
Rev2, July 2012
DATASHEET
GENERAL DESCRIPTION
This document describes the specifications for the
IDTF1150 Zero-Distortion
TM RF to IF Downconverting
Mixer. This device is part of a series of downconverting
mixers offered with high side or low side injection
options for all UTRA bands. See the Part# Matrix for the
details of all devices in this series.
The F1150 dual channel device is designed to operate
with a single 5V supply. It is optimized for operation in
a Multi-mode, Multi-carrier BaseStation Receiver for RF
bands from 1700 - 2200 MHz with High Side Injection.
IF frequencies from 50 to 450 MHz are supported.
Nominally, the device offers +40 dBm Output IP3 with
335 mA of ICC. Alternately one can adjust 4 resistor
values and a toggle pin to run the device in low current
mode with +36 dBm Output IP3 and 235 mA of ICC.
COMPETITIVE ADVANTAGE
In typical basestation receivers the RF to IF mixer
dominates the linearity performance for the entire
receive system. Zero-Distortion mixers dramatically
improve the maximum signal levels (IM3 tones) that the
BTS can withstand at a desired Signal to Noise Ratio
(SNR.) Alternately, one can run the device in Low
Current Mode to reduce Power consumption significantly.
IDT’s innovative design allows realization of either
benefit.
IP3O: ⇑
⇑
⇑
⇑ 5 dB STD Mode,
⇑
⇑
⇑
⇑ 2 dB LC Mode
Dissipation:
⇓
⇓
⇓
⇓ 40% LC
Mode,
⇓
⇓
⇓
⇓ 12% STD Mode
Allows for higher RF gain
improving Sensitivity
PART# MATRIX
Part#
RF freq
range
UTRA bands
IF freq
range
Typ.
Gain
Injection
F1100
698 - 915
5,6,8,12,13,14,17
,19,20
50 - 450
8.5
High Side
F1102
698 - 915
5,6,8,12,13,14,17
,19,20
50 - 250
8.5
Both
F
F1
11
15
50
0
1
17
70
00
0 -- 2
22
20
00
0
1
1,,2
2,,3
3,,4
4,,9
9,,1
10
0,, 3
33
3,,
3
34
4,,3
35
5,, 3
36
6,, 3
37
7,,3
39
9
5
50
0 -- 4
45
50
0
8
8..5
5
H
Hiig
gh
h S
Siid
de
e
F1152
1400 - 2200
1,2,3,4,9,10,11
21
1, 241, 33,
34,35, 36, 37,39
50 - 350
8.4
Low Side
F1162
2200 – 2700
7,38,40,41
2
50 – 500
8.9
Both
FEATURES
•
Dual Path for Diversity Systems
•
Ideal for Multi-Carrier Systems
•
8.5 dB Gain (200 MHz IF)
•
Ultra linear +38 dBm IP3O (350 MHz IF)
•
Ultra linear +
+4
40
0 d
dB
Bm
m I
IP
P3
3OO ((2
20
00
0 M
MH
Hz
z I
IF
F))
••
Low NF < 10 dB
•
200
output impedance
•
Ultra high +13 dBm P1dBI
•
P
Piin
n C
Co
om
mp
pa
attiib
blle
e with existing solutions
•
6x6 36 pin package
•
P
Po
ow
we
err D
Do
ow
wn
n m
mo
od
de
e
•
< 200 nsec settling from Power Down
•
Minimizes Synth pulling in Standby Mode
•
Low Current Mode : I
ICCCC =
= 2
23
35
5 m
mA
A
•
Standard Mode: ICC = 335 mA
DEVICE BLOCK DIAGRAM
ORDERING INFORMATION
1
– with High side injection
2
– With High side or Low side injection
RFIN_A
IFOUT_A
RF VCO
LOISET
LCMODE
RFIN_B
IFOUT_B
Bias
Control
STBY
2
IDTF1150NBGI8
0.8 mm height
package
Green
Industrial
Temp range
Tape &
Reel
Omit IDT
prefix
RF product Line


Similar Part No. - F1100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
RF to IF Dual Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
F1100 RENESAS-F1100 Datasheet
4Mb / 22P
This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
December 2014
F1100 RENESAS-F1100 Datasheet
3Mb / 27P
RF to IF Dual Downconverting Mixer
Rev1, July 2012
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
RevO, Feb 2013
More results

Similar Description - F1100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
RF to IF Dual Downconverting Mixer
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
RF to IF Dual Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com