Electronic Components Datasheet Search
  English  ▼

X  

F1100 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # F1100
Description  RF to IF Dual Downconverting Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1100 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button F1100 Datasheet HTML 19Page - Renesas Technology Corp F1100 Datasheet HTML 20Page - Renesas Technology Corp F1100 Datasheet HTML 21Page - Renesas Technology Corp F1100 Datasheet HTML 22Page - Renesas Technology Corp F1100 Datasheet HTML 23Page - Renesas Technology Corp F1100 Datasheet HTML 24Page - Renesas Technology Corp F1100 Datasheet HTML 25Page - Renesas Technology Corp F1100 Datasheet HTML 26Page - Renesas Technology Corp F1100 Datasheet HTML 27Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
RF to IF Dual Downconverting Mixer
1700 - 2200 MHz F1150NBGI
IDT Zero-Distortion
TM Mixer
24
Rev2, July 2012
DATASHEET
EVKIT SCHEMATIC
36
35
34
33
32
31
30
29
28
9
RF_B
8
RF_B rtn
7
6
NC
5
4
NC
3
GND
2
RF_A rtn
1
RF_A
18
17
16
15
14
13
12
11
10
19
LO_in
20
NC
21
VCC
22
LCMODE
23
STBY
24
NC
25
GND
26
NC
27
LO_rtn
B
I
A
S
C
T
R
L
C8
J4
C10
J5
C12
Vcc
C13
R12
R11
C14
L3
L4
C15
J7
Vcc
R14
R13
C16
Vcc
C9
Vcc
J6
C5
Vcc
C6
R15
R16
C3
L1
L2
C2
J2
Vcc
R17
R18
C1
Vcc
4:1 Balun
4:1 Balun
C11
JP
JP
Vcc
R9
R8
C4
Vcc
GND
GND
T1
T2
R10
J1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com