Electronic Components Datasheet Search
  English  ▼

X  

2SA940 Datasheet(PDF) 2 Page - SYC Electronica

Part # 2SA940
Description  PNP POWER 150V 1.5A TO-220
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

2SA940 Datasheet(HTML) 2 Page - SYC Electronica

  2SA940 Datasheet HTML 1Page - SYC Electronica 2SA940 Datasheet HTML 2Page - SYC Electronica 2SA940 Datasheet HTML 3Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A
www.sycelectronica.com.ar



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com