Electronic Components Datasheet Search
  English  ▼

X  

2SA940 Datasheet(PDF) 1 Page - SYC Electronica

Part # 2SA940
Description  PNP POWER 150V 1.5A TO-220
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

2SA940 Datasheet(HTML) 1 Page - SYC Electronica

  2SA940 Datasheet HTML 1Page - SYC Electronica 2SA940 Datasheet HTML 2Page - SYC Electronica 2SA940 Datasheet HTML 3Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
2SA940
PNP POWER 150V 1.5A TO-220
www.sycelectronica.com.ar


Similar Part No. - 2SA940

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA940 MOSPEC-2SA940 Datasheet
113Kb / 3P
POWER TRANSISTORS(1.5A,150V,25W)
logo
Wing Shing Computer Com...
2SA940 WINGS-2SA940 Datasheet
25Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(POWER AMPLIFIER VERTICAL DEFLECTION OUTPUT)
logo
TRANSYS Electronics Lim...
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
logo
Inchange Semiconductor ...
2SA940 ISC-2SA940 Datasheet
103Kb / 2P
isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA940 SAVANTIC-2SA940 Datasheet
133Kb / 4P
Silicon PNP Power Transistors
More results

Similar Description - 2SA940

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA940 MOSPEC-2SA940 Datasheet
113Kb / 3P
POWER TRANSISTORS(1.5A,150V,25W)
2SC2073 MOSPEC-2SC2073 Datasheet
114Kb / 3P
POWER TRANSISTORS(1.5A,150V,25W)
SJE1497 MOSPEC-SJE1497 Datasheet
113Kb / 3P
POWER TRANSISTORS(1.5A,150V,25W)
logo
STMicroelectronics
STP40NS15 STMICROELECTRONICS-STP40NS15 Datasheet
114Kb / 6P
N-CHANNEL 150V - 0.042ohm - 40A TO-220 MESH OVERLAY™ MOSFET
Oct-2000
logo
Rectron Semiconductor
TIP125 RECTRON-TIP125 Datasheet
190Kb / 2P
TO-220 - PNP Plastic Power Transistors
logo
Supertex, Inc
HV7355 SUTEX-HV7355 Datasheet
688Kb / 9P
Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
logo
Rohm
2SB1275 ROHM-2SB1275_13 Datasheet
471Kb / 7P
PNP -1.5A -160V Middle Power Transistor
logo
Diodes Incorporated
FZT755 DIODES-FZT755_15 Datasheet
620Kb / 7P
150V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 6
DZT5401 DIODES-DZT5401_17 Datasheet
461Kb / 7P
150V PNP SMALL SIGNAL TRANSISTOR
Rev 3
logo
Rohm
2SAR375P5 ROHM-2SAR375P5 Datasheet
1Mb / 10P
PNP -1.5A -120V Middle Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com