Electronic Components Datasheet Search
  English  ▼

X  

BS107 Datasheet(PDF) 2 Page - SYC Electronica

Part # BS107
Description  N-Channel 200-V (D-S) MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

BS107 Datasheet(HTML) 2 Page - SYC Electronica

  BS107 Datasheet HTML 1Page - SYC Electronica BS107 Datasheet HTML 2Page - SYC Electronica BS107 Datasheet HTML 3Page - SYC Electronica BS107 Datasheet HTML 4Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VN2010L/BS107
Vishay Siliconix
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
VN2010L
BS107
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 100 mA
220
200
200
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 1 mA
1.2
0.8
1.8
0.8
3
V
VDS = 0 V, VGS = "20 V
"10
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "15 V
"10
nA
Drain Leakage Current
IDSV
VDS = 70 V, VGS = 0.2 V
1
VDS = 130 V, VGS = 0 V
0.03
m
Zero Gate Voltage Drain Current
IDSS
VDS = 160 V, VGS = 0 V
1
mA
TJ = 125_C
100
On-State Drain Currentb
ID(on)
VDS = 10 V, VGS = 10 V
0.7
0.1
A
VGS = 2.8 V, ID = 0.02 A
6
28
Drain-Source On-Resistanceb
rDS(on)
VGS = 4.5 V, ID = 0.05 A
6
10
W
TJ = 125_C
11
20
Forward Transconductanceb
gfs
VDS = 15 V, ID = 0.1 A
180
125
Common Source
Output Conductanceb
gos
VDS = 15 V, ID = 0.05 A
0.15
mS
Dynamic
Input Capacitance
Ciss
35
60
Output Capacitance
Coss
VDS =25 V, VGS = 0 V, f = 1 MHz
9
30
pF
Reverse Transfer Capacitance
Crss
1
15
Switchingc
Turn-On Time
tON
VDD = 25 V, RL = 250 W
^
5
20
Turn-Off Time
tOFF
ID ^ 0.1 A, VGEN = 10 V
RG = 25 W
21
30
ns
Notes
a.
For DESIGN AID ONLY, not subject to production testing.
VNDQ20
b.
Pulse test: PW
v300 ms duty cycle v2%.
c.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com