Electronic Components Datasheet Search
  English  ▼

X  

BS107 Datasheet(PDF) 4 Page - SYC Electronica

Part # BS107
Description  N-Channel 200-V (D-S) MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

BS107 Datasheet(HTML) 4 Page - SYC Electronica

  BS107 Datasheet HTML 1Page - SYC Electronica BS107 Datasheet HTML 2Page - SYC Electronica BS107 Datasheet HTML 3Page - SYC Electronica BS107 Datasheet HTML 4Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VN2010L/BS107
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Threshold Region
Capacitance
Normalized Effective Transient Thermal Impedance, Junction-to-Ambient (TO-226AA)
Gate Charge
Load Condition Effects on Switching
t1 – Square Wave Pulse Duration (sec)
ID – Drain Current (A)
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
Qg – Total Gate Charge (pC)
10
1
0.01
0
0.4
0.1
0.8
1.2
1.6
2.0
VDS = 5 V
TJ = 150
_C
–55
_C
25
_C
60
50
40
0
010
50
30
20
20
30
40
10
C oss
C iss
C rss
VGS = 0 V
f
= 1 MHz
15.0
12.5
10.0
0
0
250
1250
7.5
5.0
500
750
1000
2.5
I D = 0.1 A
160 V
VDS = 100 V
0.01
0.1
1.0
100
10
1
50
20
5
2
VDD = 25 V
RG = 25
W
VGS = 0 to 10 V
10 K
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
1
0.01
0.1
0.01
0.1
1
100
10
1 K
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 156
_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
Notes:
PDM
t2
td(off)
td(on)
tr
tf



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com