Electronic Components Datasheet Search
  English  ▼

X  

NB679 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # NB679
Description  28V, Low Iq, High Current, Fixed 5V-8A Synchronous Buck Converter with 100 mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679 Datasheet(HTML) 4 Page - Monolithic Power Systems

  NB679 Datasheet HTML 1Page - Monolithic Power Systems NB679 Datasheet HTML 2Page - Monolithic Power Systems NB679 Datasheet HTML 3Page - Monolithic Power Systems NB679 Datasheet HTML 4Page - Monolithic Power Systems NB679 Datasheet HTML 5Page - Monolithic Power Systems NB679 Datasheet HTML 6Page - Monolithic Power Systems NB679 Datasheet HTML 7Page - Monolithic Power Systems NB679 Datasheet HTML 8Page - Monolithic Power Systems NB679 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NB679
— 28V VIN, FIXED 5V-8A BUCK CONVERTER WITH LDO
NB679 Rev. 1.03
www.MonolithicPower.com
4
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12 V, TJ = 25C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply current
Supply current (shutdown)
IIN
VEN = 0 V, VENLDO = 0 V,
1
2
μA
Supply current (quiescent)
IIN
VEN = VENLDO = 3.3 V,
VOUT = 5.5 V
110
130
µA
Supply current (standby)
IIN
VEN = 0 V, VENLDO = 3.3 V,
ILDO = 0 A
60
80
μA
MOSFET
High-side switch on resistance
HSRDS-ON
25
mΩ
Low-side switch on resistance
LSRDS-ON
12
mΩ
Switch leakage
SWLKG
VEN = 0 V, VSW = 0 V
0
1
μA
Current limit
Low-side valley current limit
ILIMIT
10
11
12
A
Switching frequency and timer
Switching frequency
FS
700
kHz
Constant on timer
Ton
Vin = 10 V
600
710
820
ns
Minimum on time
(6)
TON_Min
50
ns
Minimum off time
(6)
TOFF_Min
220
ns
Ultrasonic mode
Ultrasonic mode operation period
TUSM
20
30
40
µs
Over-voltage and under-voltage protection
OVP threshold
VOVP
117%
122%
127%
VREF
UVP-1 threshold
VUVP-1
70%
75%
80%
VREF
UVP-1 foldback timer
(6)
TUVP-1
32
µs
UVP-2 threshold
VUVP-2
45%
50%
55%
VREF
Reference and soft start
Vout REF voltage
VOUT_REF
4.95
5
5.05
V
Soft-start time
TSS
EN to Vout OK
1.7
2.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com