Electronic Components Datasheet Search
  English  ▼

X  

NB679 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # NB679
Description  28V, Low Iq, High Current, Fixed 5V-8A Synchronous Buck Converter with 100 mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button NB679 Datasheet HTML 9Page - Monolithic Power Systems NB679 Datasheet HTML 10Page - Monolithic Power Systems NB679 Datasheet HTML 11Page - Monolithic Power Systems NB679 Datasheet HTML 12Page - Monolithic Power Systems NB679 Datasheet HTML 13Page - Monolithic Power Systems NB679 Datasheet HTML 14Page - Monolithic Power Systems NB679 Datasheet HTML 15Page - Monolithic Power Systems NB679 Datasheet HTML 16Page - Monolithic Power Systems NB679 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
NB679, 28 V VIN, FIXED 5V-8A BUCK CONVERTER WITH LDO
NB679 Rev. 1.03
www.MonolithicPower.com
13
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
5 V Linear Regulator
There is a built-in 100 mA standby linear
regulator with a fixed output at 5 V, controlled by
ENLDO. The 5 V LDO is intended mainly for an
auxiliary 5 V supply for the notebook system
during standby mode.
Add a ceramic capacitor with a value between
4.7
μF and 22 µF placed close to the LDO pins to
stabilize the LDOs.
LDO Switch Over
When the output voltage becomes higher than
4.8 V (and the power good is ok), the internal
LDO is switched over to VOUT by the internal
MOSFET. This helps reduce the power loss from
the LDO.
Power Good (PG)
The NB679 has power good (PG) output used to
indicate whether the output voltage of the buck
regulator is ready. PG is the open drain of a
MOSFET. It should be connected to VCC or
another voltage source through a resistor (e.g.
100 k). After the input voltage is applied, the
MOSFET is turned on so that PG is pulled to
GND before SS is ready. After the FB voltage
reaches 95 percent of the REF voltage, PG is
pulled high after 750 µs. When the FB voltage
drops to 85 percent of the REF voltage, PG is
pulled low.
Over-Current Protection (OCP)
NB679 has cycle-by-cycle over-current limiting
control.
The
current-limit
circuit
employs
a
"valley" current-sensing algorithm. The part uses
the Rds(on) of the LS-FET as a current-sensing
element. If the magnitude of the current-sense
signal is above the current-limit threshold, the
PWM is not allowed to initiate a new cycle.
The trip level is fixed internally. The inductor
current is monitored by the voltage between GND
and SW. GND is used as the positive current
sensing node, so GND should be connected to
the source terminal of the bottom MOSFET.
Since the comparison is done during the HS-FET
off and LS-FET on state, the OC trip level sets
the valley level of the inductor current. Thus, the
load current at the over-current threshold (IOC)
can be calculated with Equation (2):
 inductor
OC
I
I
I _ limit
2
(2)
In an over-current condition, the current to the
load exceeds the current to the output capacitor;
thus, the output
voltage tends to fall off.
Eventually, it ends up crossing the under-voltage
protection threshold and shuts down. Fault
latching can be re-set by EN going low or the
power cycling of VIN.
Over/Under-Voltage Protection (OVP/UVP)
NB679 monitors the output voltage to detect over
and under voltage. Once the feedback voltage
becomes higher than 122 percent of the target
voltage, the OVP comparator output goes high,
and the circuit latches as the HS-FET driver turns
off, and the LS-FET driver turns on, acting as an
-1.8 A current source.
When the feedback voltage drops below 75
percent of the Vref but remains higher than 50
percent, the UVP-1 comparator output goes high.
The part is latched if the FB voltage remains in
this range for about 32 µs (latching the HS-FET
off and the LS-FET on). The LS-FET remains on
until the inductor current hits zero. During this
period, the valley current limit helps control the
inductor current.
When the feedback voltage drops below 50
percent of the Vref, the UVP-2 comparator output
goes high, and the part is latched off directly after
the comparator and logic delay (latching the HS-
FET off and the LS-FET on). The LS-FET
remains on until the inductor current hits zero.
Fault latching can be re-set by EN going low or
the power cycling of VIN.
UVLO Protection
The part starts up only when the Vin voltage is
higher than the UVLO rising threshold voltage.
The part shuts down when VIN is lower than the
Vin falling threshold. The UVLO protection is
non-latch off. Fault latching can be re-set by EN
going low or the power -cycling of VIN.
If an application requires a higher under-voltage
lockout (UVLO), use EN (see Figure 5) to adjust
the input voltage UVLO by using two external
resistors. It is recommended to use the enable
resistors to set the Vin falling threshold above 5.5
V.
The
rising
threshold
should
be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com