Electronic Components Datasheet Search
  English  ▼

X  

LT1027 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1027
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1027 Datasheet HTML 4Page - Linear Technology LT1027 Datasheet HTML 5Page - Linear Technology LT1027 Datasheet HTML 6Page - Linear Technology LT1027 Datasheet HTML 7Page - Linear Technology LT1027 Datasheet HTML 8Page - Linear Technology LT1027 Datasheet HTML 9Page - Linear Technology LT1027 Datasheet HTML 10Page - Linear Technology LT1027 Datasheet HTML 11Page - Linear Technology LT1027 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC2753
8
2753f
500ns/DIV
UPD
5V/DIV
GATED
SETTLING
WAVEFORM
250μV/DIV
2753 G10
USING LT1469 AMP
CFEEDBACK = 12pF
0V TO 10V STEP
CODE
0
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
4096
8192
–0.6
0.6
0.8
0.2
12288
16383
2753 G11
VDD = 5V
VREF = 5V
±10V RANGE
CODE
0
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
4096
8192
–0.6
0.6
0.8
0.2
12288
16383
2753 G12
VDD = 5V
VREF = 5V
±10V RANGE
CODE
0
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
1024
2048
–0.6
0.6
0.8
0.2
3072
4095
2753 G13
VDD = 5V
VREF = 5V
±10V RANGE
CODE
0
1024
2048
3072
4095
2753 G14
VDD = 5V
VREF = 5V
±10V RANGE
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
–0.6
0.6
0.8
0.2
TYPICAL PERFORMANCE CHARACTERISTICS
Settling 0V to 10V
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
LTC2753-12
LTC2753-16
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
LTC2753-14
VDD (V)
2.5
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
3
4
3.5
4.5
–0.6
0.6
0.8
0.2
5
5.5
2751 G09b
+INL
–INL
INL vs VDD
TA = 25°C, unless otherwise noted.
Multiplying Frequency Response
vs Digital Code
FREQUENCY (Hz)
100
–120
–100
–80
–60
–40
–20
0
1k
10k
100k
1M
2753 G10a
10M
ALL BITS OFF
D8
D4
D2
D0
D7
D1
D3
D9
D6
D5
D15
D14
D12
D10
D13
D11
ALL BITS ON
UNIPOLAR 5V OUTPUT RANGE
LT1469 OUTPUT AMPLIFIER
CFEEDBACK = 15pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com