Electronic Components Datasheet Search
  English  ▼

X  

LT1027 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1027
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1027 Datasheet HTML 15Page - Linear Technology LT1027 Datasheet HTML 16Page - Linear Technology LT1027 Datasheet HTML 17Page - Linear Technology LT1027 Datasheet HTML 18Page - Linear Technology LT1027 Datasheet HTML 19Page - Linear Technology LT1027 Datasheet HTML 20Page - Linear Technology LT1027 Datasheet HTML 21Page - Linear Technology LT1027 Datasheet HTML 22Page - Linear Technology LT1027 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC2753
19
2753f
APPLICATIONS INFORMATION
Op amp offset will contribute mostly to output offset and
gain error, and has minimal effect on INL and DNL. For
example, for the LTC2753-16 with a 5V reference in 5V
unipolar mode, a 250μV op amp offset will cause a 3.3LSB
zero-scale error and a 3.3LSB gain error; but only 0.8LSB
of INL degradation and 0.2LSB of DNL degradation.
While not directly addressed by the simple equations in
Tables 4 and 5, temperature effects can be handled just as
easily for unipolar and bipolar applications. First, consult
an op amp’s data sheet to find the worst-case VOS and IB
over temperature. Then, plug these numbers in the VOS
and IB equations from Table 5 and calculate the tempera-
ture-induced effects.
For applications where fast settling time is important, Ap-
plication Note 74, Component and Measurement Advances
Ensure 16-Bit DAC Settling Time, offers a thorough discus-
sion of 16-bit DAC settling time and op amp selection.
Precision Voltage Reference Considerations
Much in the same way selecting an operational amplifier
for use with the LTC2753 is critical to the performance of
the system, selecting a precision voltage reference also
requires due diligence. The output voltage of the LTC2753
is directly affected by the voltage reference; thus, any
voltage reference error will appear as a DAC output volt-
age error.
There are three primary error sources to consider when
selecting a precision voltage reference for 16-bit appli-
cations: output voltage initial tolerance, output voltage
temperature coefficient and output voltage noise.
Initial reference output voltage tolerance, if uncorrected,
generates a full-scale error term. Choosing a reference
with low output voltage initial tolerance, like the LT1236
(±0.05%), minimizes the gain error caused by the reference;
however, a calibration sequence that corrects for system
zero- and full-scale error is always recommended.
A reference’s output voltage temperature coefficient af-
fects not only the full-scale error, but can also affect the
circuit’s apparent INL and DNL performance. If a refer-
ence is chosen with a loose output voltage temperature
coefficient, then the DAC output voltage along its transfer
characteristic will be very dependent on ambient conditions.
Minimizing the error due to reference temperature coef-
ficient can be achieved by choosing a precision reference
with a low output voltage temperature coefficient and/or
tightly controlling the ambient temperature of the circuit
to minimize temperature gradients.
As precision DAC applications move to 16-bit and higher
performance, reference output voltage noise may con-
tribute a dominant share of the system’s noise floor. This
in turn can degrade system dynamic range and signal-to-
noise ratio. Care should be exercised in selecting a voltage
reference with as low an output noise voltage as practi-
cal for the system resolution desired. Precision voltage
references, like the LT1236, produce low output noise in
the 0.1Hz to 10Hz region, well below the 16-bit LSB level
in 5V or 10V full-scale systems. However, as the circuit
bandwidths increase, filtering the output of the reference
may be required to minimize output noise.
Table 7. Partial List of LTC Precision References Recommended
for Use with the LTC2753 with Relevant Specifications
REFERENCE
INITIAL
TOLERANCE
TEMPERATURE
DRIFT
0.1Hz to 10Hz
NOISE
LT1019A-5,
LT1019A-10
±0.05%
5ppm/°C
12μVP-P
LT1236A-5,
LT1236A-10
±0.05%
5ppm/°C
3μVP-P
LT1460A-5,
LT1460A-10
±0.075%
10ppm/°C
20μVP-P
LT1790A-2.5
±0.05%
10ppm/°C
12μVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com