Electronic Components Datasheet Search
  English  ▼

X  

FPC401RHUT.A Datasheet(PDF) 3 Page - Texas Instruments

Part # FPC401RHUT.A
Description  FPC401 Quad Port Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

FPC401RHUT.A Datasheet(HTML) 3 Page - Texas Instruments

  FPC401RHUT.A Datasheet HTML 1Page - Texas Instruments FPC401RHUT.A Datasheet HTML 2Page - Texas Instruments FPC401RHUT.A Datasheet HTML 3Page - Texas Instruments FPC401RHUT.A Datasheet HTML 4Page - Texas Instruments FPC401RHUT.A Datasheet HTML 5Page - Texas Instruments FPC401RHUT.A Datasheet HTML 6Page - Texas Instruments FPC401RHUT.A Datasheet HTML 7Page - Texas Instruments FPC401RHUT.A Datasheet HTML 8Page - Texas Instruments FPC401RHUT.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FPC401
www.ti.com
SNLS553 – DECEMBER 2016
Product Folder Links: FPC401
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Description (continued)
The FPC401 is compatible with standard SFF-8431, SFF-8436, and SFF-8449 low-speed management
interfaces, including a dedicated 100-kHz and 400-kHz I2C interface to each port. Additional general-purpose
pins are available to perform functions such as driving port status LEDs or controlling power switches. The LED
drivers have convenience features such as programmable blinking and dimming. The interface to the host
controller can operate on a separate supply voltage between 1.8-V and 3.3-V to support low-voltage I/Os.
The FPC401 can prefetch data from user-specified registers in each module, making the data readily accessible
to the host through a fast I2C (up to 1 MHz) or SPI (up to 10 MHz) interface. In addition, the FPC401 can trigger
an interrupt to the host whenever critical, user-configurable events occur associated with any of the ports under
its control. This eliminates the need to continuously poll the modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com