Electronic Components Datasheet Search
  English  ▼

X  

FPC401RHUT.A Datasheet(PDF) 8 Page - Texas Instruments

Part # FPC401RHUT.A
Description  FPC401 Quad Port Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

FPC401RHUT.A Datasheet(HTML) 8 Page - Texas Instruments

Back Button FPC401RHUT.A Datasheet HTML 3Page - Texas Instruments FPC401RHUT.A Datasheet HTML 4Page - Texas Instruments FPC401RHUT.A Datasheet HTML 5Page - Texas Instruments FPC401RHUT.A Datasheet HTML 6Page - Texas Instruments FPC401RHUT.A Datasheet HTML 7Page - Texas Instruments FPC401RHUT.A Datasheet HTML 8Page - Texas Instruments FPC401RHUT.A Datasheet HTML 9Page - Texas Instruments FPC401RHUT.A Datasheet HTML 10Page - Texas Instruments FPC401RHUT.A Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.ti.com
PACKAGE OUTLINE
5.15
4.85
11.15
10.85
0.8
0.7
0.05
0.00
2X 9.5
52X 0.5
2X 3.5
56X
0.5
0.3
56X
0.30
0.18
8.4 0.1
2.4 0.1
(0.2) TYP
WQFN - 0.8 mm max height
RHU0056A
PLASTIC QUAD FLATPACK - NO LEAD
4219076/A 01/2021
0.08 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
SYMM
EXPOSED
THERMAL PAD
SYMM
1
20
21
28
29
48
49
56
57
SCALE 2.000
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com