Electronic Components Datasheet Search
  English  ▼

X  

INA145 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA145
Description  Programmable Gain DIFFERENCE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA145 Datasheet(HTML) 4 Page - Texas Instruments

  INA145 Datasheet HTML 1Page - Texas Instruments INA145 Datasheet HTML 2Page - Texas Instruments INA145 Datasheet HTML 3Page - Texas Instruments INA145 Datasheet HTML 4Page - Texas Instruments INA145 Datasheet HTML 5Page - Texas Instruments INA145 Datasheet HTML 6Page - Texas Instruments INA145 Datasheet HTML 7Page - Texas Instruments INA145 Datasheet HTML 8Page - Texas Instruments INA145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
®
INA145
AMPLIFIER A1, A2 PERFORMANCE
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C
At TA = +25°C, G = 1, RL = 10kΩ connected to ground and ref pin connected to ground unless otherwise noted.
PIN CONFIGURATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
Supply Voltage, V+ to V– .................................................................... 36V
Signal Input Terminals, Voltage ........................................................
±80V
Current .......................................................
±1mA
Output Short Circuit (to ground) .............................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +240
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
Top View
SO-8
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
INA145UA
SO-8
182
–40
°C to +85°C
INA145UA
INA145UA
Rails
""
"
"
"
INA145UA/2K5
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces
of “INA145UA/2K5” will get a single 2500-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
INA145UA
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE, VO
RTI(1, 2)
Input Offset Voltage
VOS
VS = ±15V, VCM = VO = 0V
±0.5
mV
vs Temperature
∆V
OS /∆T
±1
µV/°C
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
VIN+ – VIN– = 0V, VO = 0V
(V–) to (V+) –1
V
Common-Mode Rejection Ratio
CMRR
VCM = (V–) to (V+) –1
90
dB
OPEN-LOOP GAIN
Open Loop Gain
AOL
110
dB
INPUT BIAS CURRENT(2)
Bias Current
IB
±50
nA
Offset Current
IOS
±5nA
RESISTOR AT A1 OUTPUT, VO1
Initial
10
k
Ω
Error
±0.2
%
Temperature Drift Coefficient
±50
ppm/
°C
Ref
V
IN
V
IN
V–
–
+
V
O1
V+
V
O
R
G
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com