Electronic Components Datasheet Search
  English  ▼

X  

INA145 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA145
Description  Programmable Gain DIFFERENCE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA145 Datasheet(HTML) 5 Page - Texas Instruments

  INA145 Datasheet HTML 1Page - Texas Instruments INA145 Datasheet HTML 2Page - Texas Instruments INA145 Datasheet HTML 3Page - Texas Instruments INA145 Datasheet HTML 4Page - Texas Instruments INA145 Datasheet HTML 5Page - Texas Instruments INA145 Datasheet HTML 6Page - Texas Instruments INA145 Datasheet HTML 7Page - Texas Instruments INA145 Datasheet HTML 8Page - Texas Instruments INA145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
®
INA145
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, G = 1, RL = 10kΩ connected to ground and Ref pin connected to ground, unless otherwise noted.
0.1Hz to 10Hz VOLTAGE NOISE (RTI)
500ms/div
GAIN vs FREQUENCY
Frequency (Hz)
100
1K
10K
1M
10M
60
40
20
0
–20
100K
G = 100
G = 10
G = 1
V
S = ±15V
C
L = 200pF 10kΩ
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
10
100
1k
1M
10M
100
80
60
40
20
0
10k
100k
POWER SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
1
10
100
10k
100k
100
80
60
40
20
0
1k
PSR+
(V
S = ±15V)
PSR–
(V
S = ±15V)
PSR+
(V
S = +5V)
INPUT VOLTAGE NOISE DENSITY
Frequency (Hz)
0.1
1
10
10k
100k
1k
100
10
100
1k
G = 1
G = 10
G = 100
GAIN vs FREQUENCY
Frequency (Hz)
100
1K
10K
1M
10M
60
40
20
0
–20
100K
G = 100
G = 1
G = 10
V
S = ±15V
C
L = 1000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com