Electronic Components Datasheet Search
  English  ▼

X  

INA152 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA152
Description  Single-Supply DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA152 Datasheet(HTML) 5 Page - Texas Instruments

  INA152 Datasheet HTML 1Page - Texas Instruments INA152 Datasheet HTML 2Page - Texas Instruments INA152 Datasheet HTML 3Page - Texas Instruments INA152 Datasheet HTML 4Page - Texas Instruments INA152 Datasheet HTML 5Page - Texas Instruments INA152 Datasheet HTML 6Page - Texas Instruments INA152 Datasheet HTML 7Page - Texas Instruments INA152 Datasheet HTML 8Page - Texas Instruments INA152 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
INA152
5
SBOS184
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VS = ±10V, RL = 10kΩ connected to GND, and Ref = GND, unless otherwise noted.
0.1Hz TO 10Hz PEAK-TO-PEAK
VOLTAGE NOISE
1s/div
SLEW RATE vs TEMPERATURE
0.5
0.45
0.4
0.35
0.3
0.25
Temperature (
°C)
–60
120
–40
–20
0
20
40
60
80
100
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
10
8
6
4
2
0
–2
–4
–6
–8
–10
Output Current (mA)
015
2.5
5
7.5
10
12.5
V
S = ±10V
+85
°C
–40
°C
+25
°C
+85
°C
–40
°C
+25
°C
OUTPUT VOLTAGE vs OUTPUT CURRENT
2.5
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
–2.5
Output Current (mA)
014
2
4
6
8
10
12
V
S = ±2.5V
+85
°C
–40
°C
+25
°C
+85
°C
–40
°C
+25
°C
OUTPUT VOLTAGE vs OUTPUT CURRENT
1.5
1
0.5
0
–0.5
–1
–1.5
Output Current (mA)
02.5
0.5
1
1.5
2
V
S = ±1.35V
+85
°C
–40
°C
+25
°C
+85
°C
–40
°C
+25
°C
NOISE SPECTRAL DENSITY
1k
100
10
Frequency (Hz)
0.1
1
10
100
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com