Electronic Components Datasheet Search
  English  ▼

X  

INA152 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA152
Description  Single-Supply DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA152 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA152 Datasheet HTML 7Page - Texas Instruments INA152 Datasheet HTML 8Page - Texas Instruments INA152 Datasheet HTML 9Page - Texas Instruments INA152 Datasheet HTML 10Page - Texas Instruments INA152 Datasheet HTML 11Page - Texas Instruments INA152 Datasheet HTML 12Page - Texas Instruments INA152 Datasheet HTML 13Page - Texas Instruments INA152 Datasheet HTML 14Page - Texas Instruments INA152 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
INA152
11
SBOS184
FIGURE 13. Instrumentation Amplifier Guard Drive Generator.
FIGURE 14. Precision Summing Instrumentation Amplifier.
Shield
5
6
1
2
INA152
A1
A2
11
12
A3
Output
G = 1 +
50k
Ω
R
G
Feedback
3
Noise (60Hz hum)
Noise (60Hz hum)
Transducer or
Analog Signal
13
7
V+
V–
8
Ref
10
25k
Ω
25k
Ω
25k
Ω
25k
Ω
INA115
1
25k
Ω
25k
Ω
4
2
3
14
15
5
R
G
100k
Ω
V
1
A
3
INA152
2
V
2
V
3
V
O = V3 + V4 – V1 – V2
INA152
V
4
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com