Electronic Components Datasheet Search
  English  ▼

X  

UPD6P8 Datasheet(PDF) 67 Page - NEC

Part # UPD6P8
Description  MOS INTEGRATED CIRCUIT 4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6P8 Datasheet(HTML) 67 Page - NEC

Back Button UPD6P8 Datasheet HTML 63Page - NEC UPD6P8 Datasheet HTML 64Page - NEC UPD6P8 Datasheet HTML 65Page - NEC UPD6P8 Datasheet HTML 66Page - NEC UPD6P8 Datasheet HTML 67Page - NEC UPD6P8 Datasheet HTML 68Page - NEC UPD6P8 Datasheet HTML 69Page - NEC UPD6P8 Datasheet HTML 70Page - NEC UPD6P8 Datasheet HTML 71Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 95 page
background image
67
µPD6P8, 6P8A, 6P8B
Data Sheet U17848EJ3V0DS
14. ELECTRICAL SPECIFICATIONS (
µPD6P8)
Absolute Maximum Ratings (TA = +25
°C)
Parameter
Symbol
Conditions
Rating
Unit
Power supply voltage
VDD
–0.3 to +5.0
V
VPP
–0.3 to +11.0
V
Input voltage
VI
KI/O0-KI/O7, KI0-KI3, S0, S1, S2
–0.3 to VDD + 0.3
V
Output voltage
VO
–0.3 to VDD + 0.3
V
Output current, high
IOHNote
REM
Peak value
–30
mA
rms
–20
mA
LED
Peak value
–7.5
mA
rms
–5
mA
Per KI/O0-KI/O7 pin
Peak value
–13.5
mA
rms
–9
mA
Total for LED and KI/O0-KI/O7
Peak value
–18
mA
pins
rms
–12
mA
Output current, low
IOLNote
REM
Peak value
7.5
mA
rms
5
mA
LED
Peak value
7.5
mA
rms
5
mA
Operating ambient
TA
–40 to +85
°C
temperature
Storage temperature
Tstg
–65 to +150
°C
Note Calculate the rms with: [rms] = [Peak value]
× √Duty.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for
any parameter. That is, the absolute maximum ratings are rated values at which the product
is on the verge of suffering physical damage, and therefore the product must be used under
conditions that ensure that the absolute maximum ratings are not exceeded.
Recommended Power Supply Voltage Range (TA = –40 to +85
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power supply voltage
VDD
fX = 3.5 to 4.5 MHz
1.9
3.0
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com