Electronic Components Datasheet Search
  English  ▼

X  

UPD6P8 Datasheet(PDF) 12 Page - NEC

Part # UPD6P8
Description  MOS INTEGRATED CIRCUIT 4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6P8 Datasheet(HTML) 12 Page - NEC

Back Button UPD6P8 Datasheet HTML 8Page - NEC UPD6P8 Datasheet HTML 9Page - NEC UPD6P8 Datasheet HTML 10Page - NEC UPD6P8 Datasheet HTML 11Page - NEC UPD6P8 Datasheet HTML 12Page - NEC UPD6P8 Datasheet HTML 13Page - NEC UPD6P8 Datasheet HTML 14Page - NEC UPD6P8 Datasheet HTML 15Page - NEC UPD6P8 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 95 page
background image
12
µPD6P8, 6P8A, 6P8B
Data Sheet U17848EJ3V0DS
1.4 Recommended Connection of Unused Pins
The following connections are recommended for unused pins in the normal operation mode.
Table 1-1. Connections for Unused Pins
Pin
Connection
Inside the Microcontroller
Outside the Microcontroller
KI/O0-KI/O7
Input mode
—
Leave open
Output mode
High-level output
REM
—
ICNote
—
S1/LED
Output mode (LED) setting
S0
OFF mode setting
Directly connect these pins
S2, S3Note
—
to GND
KI0-KI3
—
Note
µPD6P8B only
Caution The I/O mode and the pin output level are recommended to be fixed by setting them repeatedly
in each loop of the program.
1.5 Notes on Using KI Pin After Reset
In order to prevent malfunction, do not input a high-level signal to pins KI0 to KI3 (leaving these pins open is
possible, however, when these pins are left open, do not disconnect any connected pull-down resistors) when POC
is released due to supply voltage startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com