Electronic Components Datasheet Search
  English  ▼

X  

L293D Datasheet(PDF) 2 Page - SYC Electronica

Part # L293D
Description  QUADRUPLE HALF-H DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

L293D Datasheet(HTML) 2 Page - SYC Electronica

  L293D Datasheet HTML 1Page - SYC Electronica L293D Datasheet HTML 2Page - SYC Electronica L293D Datasheet HTML 3Page - SYC Electronica L293D Datasheet HTML 4Page - SYC Electronica L293D Datasheet HTML 5Page - SYC Electronica L293D Datasheet HTML 6Page - SYC Electronica L293D Datasheet HTML 7Page - SYC Electronica L293D Datasheet HTML 8Page - SYC Electronica L293D Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
L293, L293D
QUADRUPLE HALF-H DRIVERS
block diagram
1
0
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
1
0
1
1
0
2
4
3
M
M
M
1
0
1
0
1
0
VC
VCC1
NOTE:
Output diodes are internal in L293D.
TEXAS INSTRUMENTS
AVAILABLE OPTIONS
PACKAGE
TA
PLASTIC
DIP
(NE)
0
°C to 70°C
L293NE
L293DNE
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL
OUTLINE
(DWP)
PLASTIC
DIP
(N)
0
°C to 70°C
L293DWP
L293DDWP
L293N
L293DN
The DWP package is available taped and reeled. Add
the suffix TR to device type (e.g., L293DWPTR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com