Electronic Components Datasheet Search
  English  ▼

X  

L293D Datasheet(PDF) 7 Page - SYC Electronica

Part # L293D
Description  QUADRUPLE HALF-H DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

L293D Datasheet(HTML) 7 Page - SYC Electronica

Back Button L293D Datasheet HTML 3Page - SYC Electronica L293D Datasheet HTML 4Page - SYC Electronica L293D Datasheet HTML 5Page - SYC Electronica L293D Datasheet HTML 6Page - SYC Electronica L293D Datasheet HTML 7Page - SYC Electronica L293D Datasheet HTML 8Page - SYC Electronica L293D Datasheet HTML 9Page - SYC Electronica L293D Datasheet HTML 10Page - SYC Electronica L293D Datasheet HTML 11Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
L293, L293D
QUADRUPLE HALF-H DRIVERS
APPLICATION INFORMATION
24 V
5 V
10 k
Ω
VCC1
VCC2
Control A
Control B
4, 5, 12, 13
GND
Thermal
Shutdown
Motor
16
3
3
6
11
14
4Y
3Y
2Y
1Y
1,2EN
1A
2A
3,4EN
3A
4A
15
10
9
7
2
1
Figure 2. Two-Phase Motor Driver (L293)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com