Electronic Components Datasheet Search
  English  ▼

X  

PIC32MX Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC32MX
Description  64/100-Pin General Purpose,32-Bit Flash Microcontrollers
PDF  544 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC32MX Datasheet HTML 21Page - Microchip Technology PIC32MX Datasheet HTML 22Page - Microchip Technology PIC32MX Datasheet HTML 23Page - Microchip Technology PIC32MX Datasheet HTML 24Page - Microchip Technology PIC32MX Datasheet HTML 25Page - Microchip Technology PIC32MX Datasheet HTML 26Page - Microchip Technology PIC32MX Datasheet HTML 27Page - Microchip Technology PIC32MX Datasheet HTML 28Page - Microchip Technology PIC32MX Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 544 page
background image
PIC32MX Starter Kit Tutorial
© 2009 Microchip Technology Inc.
DS61144D-page 21
The tutorial program includes the Debug Print Library, which facilitates print functional-
ity. A peripheral library header file for flashing the LEDs is also included. The header
file for print functionality is db_utils.h.
Depending on the macro definition given in the print header file, the debug print macros
will be expanded. The print functionality in the tutorial is routed to the Output window
on the MPLAB PIC32MX tab in the interface window. In order to achieve this, the
macro definition “PIC32_STARTER_KIT” is added to the MPLAB C Compiler for PIC32
options.
As the program runs, the Output window (Figure 2-14) tracks the progress.
FIGURE 2-14:
OUTPUT WINDOW
After printing the menu, the application displays a prompt that requests your input, see
Figure 2-15.
FIGURE 2-15:
TARGET IN WINDOW
Type your choice into the Enter Information to be Sent to Target box, and click Send.
The program responds according to the menu entry. Watch the LEDs on the starter kit
board. If your entry is incorrect, the LEDs will toggle once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com