Electronic Components Datasheet Search
  English  ▼

X  

PIC32MX Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC32MX
Description  64/100-Pin General Purpose,32-Bit Flash Microcontrollers
PDF  544 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC32MX Datasheet HTML 7Page - Microchip Technology PIC32MX Datasheet HTML 8Page - Microchip Technology PIC32MX Datasheet HTML 9Page - Microchip Technology PIC32MX Datasheet HTML 10Page - Microchip Technology PIC32MX Datasheet HTML 11Page - Microchip Technology PIC32MX Datasheet HTML 12Page - Microchip Technology PIC32MX Datasheet HTML 13Page - Microchip Technology PIC32MX Datasheet HTML 14Page - Microchip Technology PIC32MX Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 544 page
background image
PIC32MX STARTER KIT
USER’S GUIDE
© 2009 Microchip Technology Inc.
DS61144D-page 7
Chapter 1. Introducing the PIC32MX Starter Kit
1.1
INTRODUCTION
Thank you for purchasing the Microchip Technology PIC32MX Starter Kit. This kit
provides a low-cost, modular development system for Microchip’s new line of 32-bit
microcontrollers.
The starter kit comes pre-loaded with demonstration software for the user to explore
the new features of the PIC32MX. It is also expandable through a modular expansion
interface, which allows the user to extend its functionality. The PIC32MX Starter Kit also
supplies on-board circuitry for full debug and programming capabilities.
1.2
HIGHLIGHTS
This chapter covers the following topics:
• Kit Contents
• PIC32MX Functionality and Features
• Installing the PIC32MX Starter Kit CD
• Using the PIC32MX Starter Kit Out of the Box
• PIC32MX Demonstration Program
The preprogrammed example code on the PIC32MX MCU has been included on the
PIC32MX Starter Kit CD-ROM for future reference. All project files have been included,
so that the code may be used directly to restore the PIC32MX MCU on the starter kit
to its original state (i.e., if the sample device has been reprogrammed with another
program), or so you can use the tutorial code as a platform for further experimentation.
1.3
KIT CONTENTS
The PIC32MX Starter Kit contains the following items:
• PIC32MX Starter Kit Board
• USB Mini-B cable
• PIC32 Starter Kit Installation CD-ROM, which includes:
- PIC32MX Starter Kit User’s Guide (DS61144)
- PIC32MX Family Data Sheet (DS61143)
- PIC32MX Family Reference Manual (DS61132)
- PIC32MX Peripheral Library Manual
- Code examples for use with the PIC32MX devices
If you are missing any part of the kit, contact a Microchip sales office for assistance. A
list of Microchip offices for sales and service is provided on page 44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com