Electronic Components Datasheet Search
  English  ▼

X  

TSM7900D Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM7900D
Description  20V Dual N-Channel MOSFET w/ESD Protected
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM7900D Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM7900D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM7900D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM7900D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM7900D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM7900D Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM7900D Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSM7900D
20V Dual N-Channel MOSFET w/ESD Protected
5/6
Version: A07
TDFN Mechanical Drawing
TDFN 3x3 DIMENSION
MILLIMETERS
DIM
MIN.
TYP.
MAX.
A
1.750
1.800
1.850
B
0.470
0.520
0.570
C
0.270
0.320
0.370
D
2.950
3.000
3.050
E
2.950
3.000
3.050
F
2.250
2.300
2.350
G
0.177
0.203
0.280
H
0.610
0.660
0.710
I
0.005
0.020
0.050
J
0.650
0.750
0.850



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com