Electronic Components Datasheet Search
  English  ▼

X  

LTC2907 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2907
Description  Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2907 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2907 Datasheet HTML 8Page - Linear Technology LTC2907 Datasheet HTML 9Page - Linear Technology LTC2907 Datasheet HTML 10Page - Linear Technology LTC2907 Datasheet HTML 11Page - Linear Technology LTC2907 Datasheet HTML 12Page - Linear Technology LTC2907 Datasheet HTML 13Page - Linear Technology LTC2907 Datasheet HTML 14Page - Linear Technology LTC2907 Datasheet HTML 15Page - Linear Technology LTC2907 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC2917/LTC2918
14
29178f
TYPICAL APPLICATIONS
3.3V, –10% Tolerance Supply Monitor
with Disabled Watchdog
1.8V, –5% Supply Monitor with Manual Reset
1.5V Supply Monitor with Tolerance Control for Margining,
–5% Operation with –15% Margining
3.3V
CBYPASS
0.1
μF
RPU
10k
29178 TA06
VM
SEL1
GND
SEL2
TOL
VCC
VCC
LTC2917
μP
RST
WDI
RST
GND
RT
WT
CRT
1.8V
CBYPASS
0.1
μF
RPU
10k
29178 TA07
VM
SEL1
GND
SEL2
MR
RT
VCC
VCC
LTC2918
μP
RST
RST
WDI
I/O
GND
10k*
*OPTIONAL RESISTOR RECOMMENDED TO EXTEND ESD TOLERANCE
CRT
MANUAL RESET
PUSH BUTTON
WT
CWT
3.3V
1.5V
CBYPASS
0.1
μF
RPU
10k
29178 TA08
VM
SEL1
GND
SEL2
RT
VCC
VCC
LTC2917
μP
RST
RST
WDI
I/O
TOL
I/O
GND
CRT
WT
CWT
–5%
–15%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com