Electronic Components Datasheet Search
  English  ▼

X  

LTC2907 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2907
Description  Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2907 Datasheet(HTML) 3 Page - Linear Technology

  LTC2907 Datasheet HTML 1Page - Linear Technology LTC2907 Datasheet HTML 2Page - Linear Technology LTC2907 Datasheet HTML 3Page - Linear Technology LTC2907 Datasheet HTML 4Page - Linear Technology LTC2907 Datasheet HTML 5Page - Linear Technology LTC2907 Datasheet HTML 6Page - Linear Technology LTC2907 Datasheet HTML 7Page - Linear Technology LTC2907 Datasheet HTML 8Page - Linear Technology LTC2907 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2917/LTC2918
3
29178f
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2917CMS-B1#PBF
LTC2917CMS-B1#TRPBF
LTCQP
10-Lead Plastic MSOP
0°C to 70°C
LTC2917IMS-B1#PBF
LTC2917IMS-B1#TRPBF
LTCQP
10-Lead Plastic MSOP
–40°C to 85°C
LTC2917HMS-B1#PBF
LTC2917HMS-B1#TRPBF
LTCQP
10-Lead Plastic MSOP
–40°C to 125°C
LTC2917CMS-A1#PBF
LTC2917CMS-A1#TRPBF
LTDGD
10-Lead Plastic MSOP
0°C to 70°C
LTC2917IMS-A1#PBF
LTC2917IMS-A1#TRPBF
LTDGD
10-Lead Plastic MSOP
–40°C to 85°C
LTC2917HMS-A1#PBF
LTC2917HMS-A1#TRPBF
LTDGD
10-Lead Plastic MSOP
–40°C to 125°C
LTC2918CMS-B1#PBF
LTC2918CMS-B1#TRPBF
LTDCT
10-Lead Plastic MSOP
0°C to 70°C
LTC2918IMS-B1#PBF
LTC2918IMS-B1#TRPBF
LTDCT
10-Lead Plastic MSOP
–40°C to 85°C
LTC2918HMS-B1#PBF
LTC2918HMS-B1#TRPBF
LTDCT
10-Lead Plastic MSOP
–40°C to 125°C
LTC2918CMS-A1#PBF
LTC2918CMS-A1#TRPBF
LTDGG
10-Lead Plastic MSOP
0°C to 70°C
LTC2918IMS-A1#PBF
LTC2918IMS-A1#TRPBF
LTDGG
10-Lead Plastic MSOP
–40°C to 85°C
LTC2918HMS-A1#PBF
LTC2918HMS-A1#TRPBF
LTDGG
10-Lead Plastic MSOP
–40°C to 125°C
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2917CDDB-B1#TRMPBF
LTC2917CDDB-B1#TRPBF
LCQR
10-Lead (3mm × 2mm) Plastic DFN
0°C to 70°C
LTC2917IDDB-B1#TRMPBF
LTC2917IDDB-B1#TRPBF
LCQR
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
LTC2917HDDB-B1#TRMPBF
LTC2917HDDB-B1#TRPBF
LCQR
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LTC2917CDDB-A1#TRMPBF
LTC2917CDDB-A1#TRPBF
LDGF
10-Lead (3mm × 2mm) Plastic DFN
0°C to 70°C
LTC2917IDDB-A1#TRMPBF
LTC2917IDDB-A1#TRPBF
LDGF
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
LTC2917HDDB-A1#TRMPBF
LTC2917HDDB-A1#TRPBF
LDGF
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LTC2918CDDB-B1#TRMPBF
LTC2918CDDB-B1#TRPBF
LDCV
10-Lead (3mm × 2mm) Plastic DFN
0°C to 70°C
LTC2918IDDB-B1#TRMPBF
LTC2918IDDB-B1#TRPBF
LDCV
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
LTC2918HDDB-B1#TRMPBF
LTC2918HDDB-B1#TRPBF
LDCV
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LTC2918CDDB-A1#TRMPBF
LTC2918CDDB-A1#TRPBF
LDGH
10-Lead (3mm × 2mm) Plastic DFN
0°C to 70°C
LTC2918IDDB-A1#TRMPBF
LTC2918IDDB-A1#TRPBF
LDGH
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
LTC2918HDDB-A1#TRMPBF
LTC2918HDDB-A1#TRPBF
LDGH
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com