Electronic Components Datasheet Search
  English  ▼

X  

ADC12DS080 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC12DS080
Description  ADC12DS080 Dual 12-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DS080 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC12DS080 Datasheet HTML 3Page - Texas Instruments ADC12DS080 Datasheet HTML 4Page - Texas Instruments ADC12DS080 Datasheet HTML 5Page - Texas Instruments ADC12DS080 Datasheet HTML 6Page - Texas Instruments ADC12DS080 Datasheet HTML 7Page - Texas Instruments ADC12DS080 Datasheet HTML 8Page - Texas Instruments ADC12DS080 Datasheet HTML 9Page - Texas Instruments ADC12DS080 Datasheet HTML 10Page - Texas Instruments ADC12DS080 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
VA
AGND
To Internal Circuitry
I/O
ADC12DS080
www.ti.com
SNAS443A – MARCH 2008 – REVISED MARCH 2013
Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = VDR = +3.0V, Internal VREF =
+1.2V, fCLK = 80 MHz, VCM = VCMO, CL = 5 pF/pin. Typical values are for TA = 25°C. Boldface limits apply for TMIN ≤ TA ≤
TMAX. All other limits apply for TA = 25°C
(1) (2)
Units
Parameter
Test Conditions
Typical(3)
Limits
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits (min)
1.5
LSB (max)
INL
Integral Non Linearity
±0.5
-1.5
LSB (min)
0.5
LSB (max)
DNL
Differential Non Linearity
±0.25
-0.5
LSB (min)
PGE
Positive Gain Error
0.1
±1
%FS (max)
NGE
Negative Gain Error
0.1
±1
%FS (max)
VOFF
Offset Error
0.2
±0.65
%FS (max)
Under Range Output Code
0
0
Over Range Output Code
4095
4095
REFERENCE AND ANALOG INPUT CHARACTERISTICS
1.4
V (min)
VCMO
Common Mode Output Voltage
1.5
1.6
V (max)
1.4
V (min)
VCM
Analog Input Common Mode Voltage
1.5
1.6
V (max)
(CLK LOW)
8.5
pF
VIN Input Capacitance (each pin to
CIN
VIN = 1.5 Vdc ± 0.5 V
GND)(4)
(CLK HIGH)
3.5
pF
1.15
V (min)
VREF
Internal Reference Voltage
1.18
1.21
V (max)
TC VREF
Internal Reference Voltage Tempco
−40°C ≤ TA ≤ +85°C
18
ppm/°C
VRP
Internal Reference Top
2.0
V
VRN
Internal Reference Bottom
1.0
V
0.89
V (min)
Internal Reference Accuracy
(VRP-VRN)
0.97
1.06
V (max)
EXT
1.176
V (min)
External Reference Voltage
1.2
VREF
1.224
V (max)
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 4. However, errors in the A/D conversion can occur if the input goes above 2.6V or below GND as described
in the Operating Ratings section. See Figure 2.
(2)
With a full scale differential input of 2VP-P , the 12-bit LSB is 488 µV.
(3)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
(4)
The input capacitance is the sum of the package/pin capacitance and the sample and hold circuit capacitance.
Figure 2.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC12DS080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com