Electronic Components Datasheet Search
  English  ▼

X  

ADS5271 Datasheet(PDF) 30 Page - Texas Instruments

Part # ADS5271
Description  10-Bit, Octal-Channel ADC Up to 65MSPS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS5271 Datasheet HTML 26Page - Texas Instruments ADS5271 Datasheet HTML 27Page - Texas Instruments ADS5271 Datasheet HTML 28Page - Texas Instruments ADS5271 Datasheet HTML 29Page - Texas Instruments ADS5271 Datasheet HTML 30Page - Texas Instruments ADS5271 Datasheet HTML 31Page - Texas Instruments ADS5271 Datasheet HTML 32Page - Texas Instruments ADS5271 Datasheet HTML 33Page - Texas Instruments ADS5271 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
t
S
16384t (Group1)
S
Set1,Point1(of16)
Set1,Point2(of16)
Firstpointafteroverload(Set1)
Firstpointafteroverload(Set2)
Secondpointafteroverload(Set2)
Secondpointafteroverload(Set1)
Overload
Amplitude
NOTES:
Inputsinewavephaseisrepetitiveover16384clockcycles.
16suchrepetitivegroups(of16384clockcycles)arecaptured–atotalof262,144points.
Standarddeviationofeverysetof
areanalyzedoverthe16groups.
Worstcaseofallsuchstandarddeviationsareplottedinthegraphs.
firstandsecondpointsafteroverload
+FS
-FS
170
130
110
90
70
30
ClockFrequency(MSPS)
5
75
35
25
15
45
I
LVDD
I
AVDD
ZeroInputonAllChannels
InternalReferenceMode
150
55
50
65
0.6
0.5
0.4
0.3
0.2
0.1
0
0
1
2
3
4
5
6
OverloadSignalAmplitude(dBFS)
f =65MSPS
f
=5MHz
S
IN
StandardDeviationof
2ndPointAfterOverload
StandardDeviationof
1stPointAfterOverload
ADS5287
SBAS428D – JANUARY 2008 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical values at +25°C. Minimum and maximum values are measured across the specified temperature range of TMIN =
–40°C to TMAX = +85°C, AVDD = 3.3V, LVDD = 1.8V, clock frequency = 10MSPS to 65MSPS, 50% clock duty cycle, –1dBFS
differential analog input, internal reference mode, ISET resistor = 56.2kΩ, and LVDS buffer current setting = 3.5mA, unless
otherwise noted.Typical values at +25°C.
AVDD AND LVDD POWER-SUPPLY CURRENTS
vs
CLOCK FREQUENCY
OVERLOAD RECOVERY AT 65MSPS
Figure 28.
Figure 29.
Figure 30. Overload Recovery
30
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com