Electronic Components Datasheet Search
  English  ▼

X  

ADS8519IBDBR Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS8519IBDBR
Description  16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8519IBDBR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS8519IBDBR Datasheet HTML 17Page - Texas Instruments ADS8519IBDBR Datasheet HTML 18Page - Texas Instruments ADS8519IBDBR Datasheet HTML 19Page - Texas Instruments ADS8519IBDBR Datasheet HTML 20Page - Texas Instruments ADS8519IBDBR Datasheet HTML 21Page - Texas Instruments ADS8519IBDBR Datasheet HTML 22Page - Texas Instruments ADS8519IBDBR Datasheet HTML 23Page - Texas Instruments ADS8519IBDBR Datasheet HTML 24Page - Texas Instruments ADS8519IBDBR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
1
2
7
6
9
AGND2
CAP
REF
AGND1
R1
IN
+5V
Gain
1
2
7
6
9
AGND2
CAP
REF
AGND1
R1
IN
20kW
2.2 F
m
30kW
±10V
(a) ±10VWithHardware Trim
(b) ±10VWithoutHardware Trim
175kW
2.2 F
m
2.2 F
m
2.2 F
m
±10V
ADS8519
www.ti.com
SLAS462D – JUNE 2007 – REVISED SEPTEMBER 2010
Table 4. Output Codes and Ideal Input Voltages
DESCRIPTION
ANALOG INPUT RANGE
DIGITAL OUTPUT
BINARY TWOS COMPLEMENT
STRAIGHT BINARY
Full-scale range
±10V
±5V
0V to 8.192V
(SB/BTC LOW)
(SB/BTC HIGH)
Least significant
305mV
153mV
125mV
bit (LSB)
BINARY CODE
HEX CODE
BINARY CODE
HEX CODE
+Full-scale
9.999695V
4.999847V
8.191875V
0111 1111 1111 1111
7FFF
1111 1111 1111 1111
FFFF
(FS – 1LSB)
Midscale
0V
0V
4.096V
0000 0000 0000 0000
0000
1000 0000 0000 0000
8000
One LSB below
–305mV
153mV
4.095975V
1111 1111 1111 1111
FFFF
0111 1111 1111 1111
7FFF
midscale
–Full scale
–10V
–5V
0V
1000 0000 0000 0000
8000
0000 0000 0000 0000
0000
Figure 32. Gain Adjust Trim
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS8519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com