Electronic Components Datasheet Search
  English  ▼

X  

SMD2016 Datasheet(PDF) 2 Page - YAGEO Corporation

Part # SMD2016
Description  Positive Temperature Coefficient (PTC)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SMD2016 Datasheet(HTML) 2 Page - YAGEO Corporation

  SMD2016 Datasheet HTML 1Page - YAGEO Corporation SMD2016 Datasheet HTML 2Page - YAGEO Corporation SMD2016 Datasheet HTML 3Page - YAGEO Corporation SMD2016 Datasheet HTML 4Page - YAGEO Corporation SMD2016 Datasheet HTML 5Page - YAGEO Corporation SMD2016 Datasheet HTML 6Page - YAGEO Corporation SMD2016 Datasheet HTML 7Page - YAGEO Corporation SMD2016 Datasheet HTML 8Page - YAGEO Corporation SMD2016 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
10
Product Specification
SMD2016
POSITIVE TEMPERATURE COEFFICIENT
Circuit Protection
www.yageo.com
Nov. 05, 2024 V.5
Positive Temperature Coefficient (PTC) Data Sheet
Description
The 2016 series provides miniature surface mount resettable overcurrent protection
with holding current from 0.3A to 5.0A. This series is suitable for applications with
applications where space is at a premium and the device current is low.
Features
■ RoHS compliant and lead-free
■ Fast response to fault current
■ UL/CUL/TUV/RoHS/Halogen Free
■ Low profile
■ Compatible with high temperature solders
■ Compact design saves board space
Applications
■ USB hubs, ports and peripherals
■ Set-top-box and HDMI
■ Game console port protection
■ Motherboard USB & IEEE 1394 protection
■ Optical disk drives
■ General electronics
Part Number Code and Marking
SMD 2016 B
TF T /
Special Voltage Rating (Optional)
Thickness Version (Optional)
Lead-Free
Holding Current Rating
Delimiter
Device Dimensions: Length/Width (Unit: 1/100 inch)
Surface Mount Device
Part Number
Marking
Part Number
Marking
Part Number
Marking
SMD2016B030TF
030
SMD2016B100TF/33
1033
SMD2016B260TF/24
2624
SMD2016B050TF
050
SMD2016B150TF
150
SMD2016B300TF
300
SMD2016B075TF
075
SMD2016B150TF/33
1533
SMD2016B500TF
500
SMD2016B100TF
100
SMD2016B200TF
200
/
/



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com