Electronic Components Datasheet Search
  English  ▼

X  

SMD2016 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # SMD2016
Description  Positive Temperature Coefficient (PTC)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SMD2016 Datasheet(HTML) 3 Page - YAGEO Corporation

  SMD2016 Datasheet HTML 1Page - YAGEO Corporation SMD2016 Datasheet HTML 2Page - YAGEO Corporation SMD2016 Datasheet HTML 3Page - YAGEO Corporation SMD2016 Datasheet HTML 4Page - YAGEO Corporation SMD2016 Datasheet HTML 5Page - YAGEO Corporation SMD2016 Datasheet HTML 6Page - YAGEO Corporation SMD2016 Datasheet HTML 7Page - YAGEO Corporation SMD2016 Datasheet HTML 8Page - YAGEO Corporation SMD2016 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
10
Product Specification
SMD2016
POSITIVE TEMPERATURE COEFFICIENT
Circuit Protection
www.yageo.com
Nov. 05, 2024 V.5
Dimensions and PAD-SIZE
Part identification
A
B
C
D
E
BK Logo
Part
Number
A
B
C
D
E
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
SMD2016B030TF
4.72
5.44
3.70
4.43
0.55
1.05
0.30
1.50
0.25
0.65
SMD2016B050TF
4.72
5.44
3.70
4.43
0.85
1.35
0.30
1.50
0.25
0.65
SMD2016B075TF
4.72
5.44
3.70
4.43
1.65
2.45
0.30
1.50
0.25
0.65
SMD2016B100TF
4.72
5.44
3.70
4.43
0.50
1.00
0.30
1.50
0.25
0.65
SMD2016B100TF/33
4.72
5.44
3.70
4.43
0.75
1.25
0.30
1.50
0.25
0.65
SMD2016B150TF
4.72
5.44
3.70
4.43
0.50
1.00
0.30
1.50
0.25
0.65
SMD2016B150TF/33
4.72
5.44
3.70
4.43
0.70
1.20
0.30
1.50
0.25
0.65
SMD2016B200TF
4.72
5.44
3.70
4.43
0.55
1.05
0.30
1.50
0.25
0.65
SMD2016B260TF/24
4.72
5.44
3.70
4.43
1.25
2.05
0.30
1.50
0.25
0.65
SMD2016B300TF
4.72
5.44
3.70
4.43
0.90
1.70
0.30
1.50
0.25
0.65
SMD2016B500TF
4.72
5.44
3.70
4.43
0.85
1.65
0.30
1.50
0.25
0.65
Recommended Pad Layout (mm)
3.40typ.
1.50typ.
1.50typ.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com