Electronic Components Datasheet Search
  English  ▼

X  

LM3914 Datasheet(PDF) 2 Page - SYC Electronica

Part # LM3914
Description  LM3914 Dot/Bar Display Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM3914 Datasheet(HTML) 2 Page - SYC Electronica

  LM3914 Datasheet HTML 1Page - SYC Electronica LM3914 Datasheet HTML 2Page - SYC Electronica LM3914 Datasheet HTML 3Page - SYC Electronica LM3914 Datasheet HTML 4Page - SYC Electronica LM3914 Datasheet HTML 5Page - SYC Electronica LM3914 Datasheet HTML 6Page - SYC Electronica LM3914 Datasheet HTML 7Page - SYC Electronica LM3914 Datasheet HTML 8Page - SYC Electronica LM3914 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Power Dissipation (Note 5)
Molded DIP (N)
1365 mW
Supply Voltage
25V
Voltage on Output Drivers
25V
Input Signal Overvoltage (Note 3)
g
35V
Divider Voltage
b
100 mV to Va
Reference Load Current
10 mA
Storage Temperature Range
b
55 Cto a150 C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260 C
Plastic Chip Carrier Package
Vapor Phase (60 seconds)
215 C
Infrared (15 seconds)
220 C
See AN-450 ‘‘Surface Mounting Methods and Their Effect
on Product Reliability’’ for other methods of soldering sur-
face mount devices
Electrical Characteristics (Notes 1 and 3)
Parameter
Conditions (Note 1)
Min
Typ
Max
Units
COMPARATOR
Offset Voltage Buffer and First
0V s VRLO e VRHI s 12V
310
mV
Comparator
ILED e 1mA
Offset Voltage Buffer and Any Other
0V s VRLO e VRHI s 12V
315
mV
Comparator
ILED e 1mA
Gain (DILED DVIN)IL(REF) e 2 mA ILED e 10 mA
3
8
mAmV
Input Bias Current (at Pin 5)
0V s VIN s Va b 15V
25
100
nA
Input Signal Overvoltage
No Change in Display
b
35
35
V
VOLTAGE-DIVIDER
Divider Resistance
Total Pin 6 to 4
8
12
17
kX
Accuracy
(Note 2)
05
2
%
VOLTAGE REFERENCE
Output Voltage
01 mA s IL(REF) s 4 mA
12
128
134
V
Va e VLED e 5V
Line Regulation
3V s Va s 18V
001
003
%V
Load Regulation
01 mA s IL(REF) s 4 mA
04
2
%
Va e VLED e 5V
Output Voltage Change with
0 C s TA s a70 C IL(REF) e 1 mA
1%
Temperature
Va e 5V
Adjust Pin Current
75
120
m
A
OUTPUT DRIVERS
LED Current
Va e VLED e 5V IL(REF) e 1 mA
7
10
13
mA
LED Current Difference (Between
VLED e 5V
ILED e 2 mA
012
04
mA
Largest and Smallest LED Currents)
ILED e 20 mA
12
3
LED Current Regulation
2V s VLED s 17V
ILED e 2 mA
01
025
mA
ILED e 20 mA
1
3
Dropout Voltage
ILED(ON) e 20 mA VLED e 5V
15
V
D
ILED e 2mA
Saturation Voltage
ILED e 20 mA IL(REF) e 04 mA
015
04
V
Output Leakage Each Collector
(Bar Mode) (Note 4)
01
10
m
A
2
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com