Electronic Components Datasheet Search
  English  ▼

X  

LM3914 Datasheet(PDF) 13 Page - SYC Electronica

Part # LM3914
Description  LM3914 Dot/Bar Display Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM3914 Datasheet(HTML) 13 Page - SYC Electronica

Back Button LM3914 Datasheet HTML 8Page - SYC Electronica LM3914 Datasheet HTML 9Page - SYC Electronica LM3914 Datasheet HTML 10Page - SYC Electronica LM3914 Datasheet HTML 11Page - SYC Electronica LM3914 Datasheet HTML 12Page - SYC Electronica LM3914 Datasheet HTML 13Page - SYC Electronica LM3914 Datasheet HTML 14Page - SYC Electronica LM3914 Datasheet HTML 15Page - SYC Electronica LM3914 Datasheet HTML 16Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Application Hints
Three of the most commonly needed precautions for using
the LM3914 are shown in the first typical application draw-
ing (see page 9-108) showing a 0V – 5V bar graph meter
The most difficult problem occurs when large LED currents
are being drawn especially in bar graph mode These cur-
rents flowing out of the ground pin cause voltage drops in
external wiring and thus errors and oscillations Bringing the
return wires from signal sources reference ground and bot-
tom of the resistor string (as illustrated) to a single point
very near pin 2 is the best solution
Long wires from VLED to LED anode common can cause
oscillations Depending on the severity of the problem
005 mFto2 2 mF decoupling capacitors from LED anode
common to pin 2 will damp the circuit If LED anode line
wiring is inaccessible often similar decoupling from pin 1 to
pin 2 will be sufficient
If LED turn ON seems slow (bar mode) or several LEDs light
(dot mode) oscillation or excessive noise is usually the
problem In cases where proper wiring and bypassing fail to
stop oscillations Va voltage at pin 3 is usually below sug-
gested limits (see Note 2 page 9-108) Expanded scale me-
ter applications may have one or both ends of the internal
voltage divider terminated at relatively high value resistors
These high-impedance ends should be bypassed to pin 2
with at least a 0001 mF capacitor or up to 01 mF in noisy
environments
Power dissipation especially in bar mode should be given
consideration For example with a 5V supply and all LEDs
programmed to 20 mA the driver will dissipate over 600 mW
In this case a 75X resistor in series with the LED supply will
cut device heating in half The negative end of the resistor
should be bypassed with a 22 mF solid tantalum capacitor
to pin 2 of the LM3914
Turning OFF of most of the internal current sources is ac-
complished by pulling positive on the reference with a cur-
rent source or resistance supplying 100 mA or so Alternate-
ly the input signal can be gated OFF with a transistor
switch
Other special features and applications characteristics will
be illustrated in the following applications schematics
Notes have been added in many cases attempting to cover
any special procedures or unusual characteristics of these
applications A special section called ‘‘Application Tips for
the LM3914 Adjustable Reference’’ has been included with
these schematics
APPLICATION TIPS FOR THE LM3914 ADJUSTABLE
REFERENCE
GREATLY EXPANDED SCALE (BAR MODE ONLY)
Placing the LM3914 internal resistor divider in parallel with a
section (j230X) of a stable low resistance divider greatly
reduces voltage changes due to IC resistor value changes
with temperature Voltage V1 should be trimmed to 11V first
by use of R2 Then the voltage V2 across the IC divider
string can be adjusted to 200 mV using R5 without affecting
V1 LED current will be approximately 10 mA
NON-INTERACTING ADJUSTMENTS FOR EXPANDED
SCALE METER (45V to 5V Bar
or Dot Mode)
This arrangement allows independent adjustment of LED
brightness regardless of meter span and zero adjustments
First V1 is adjusted to 5V using R2 Then the span (voltage
across R4) can be adjusted to exactly 05V using R6 without
affecting the previous adjustment
R9 programs LED currents within a range of 22 mA to
20 mA after the above settings are made
Greatly Expanded Scale (Bar Mode Only)
TLH7970 – 15
ADJUSTING LINEARITY OF SEVERAL STACKED
DIVIDERS
Three internal voltage dividers are shown connected in se-
ries to provide a 30-step display If the resulting analog me-
ter is to be accurate and linear the voltage on each divider
must be adjusted preferably without affecting any other ad-
justments To do this adjust R2 first so that the voltage
across R5 is exactly 1V Then the voltages across R3 and
R4 can be independently adjusted by shunting each with
selected resistors of 6 kX or higher resistance This is pos-
sible because the reference of LM3914 No 3 is acting as a
constant current source
The references associated with LM3914s No 1 and No 2
should have their Ref Adj pins (pin 8) wired to ground and
their Ref Outputs loaded by a 620X resistor to ground This
makes available similar 20 mA current outputs to all the
LEDs in the system
If an independent LED brightness control is desired (as in
the previous application) a unity gain buffer such as the
LM310 should be placed between pin 7 and R1 similar to
the previous application
13
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com