Electronic Components Datasheet Search
  English  ▼

X  

EN09 Datasheet(PDF) 1 Page - TT Electronics.

Part # EN09
Description  9 mm Encoder
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

EN09 Datasheet(HTML) 1 Page - TT Electronics.

  EN09 Datasheet HTML 1Page - TT Electronics. EN09 Datasheet HTML 2Page - TT Electronics. EN09 Datasheet HTML 3Page - TT Electronics. EN09 Datasheet HTML 4Page - TT Electronics. EN09 Datasheet HTML 5Page - TT Electronics. EN09 Datasheet HTML 6Page - TT Electronics. EN09 Datasheet HTML 7Page - TT Electronics. EN09 Datasheet HTML 8Page - TT Electronics. EN09 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
9 mm Encoder
EN09 Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Document #: ________________
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com/bi-technologies
Rev - 12/2021 Page 1
Applications:
•
Volume control
•
Function Selection
•
Small Electronic devices
•
Audio and radio equipment
•
Walkie-Talkies
•
Communication equipment
Description:
9mm Encoder with push switch option. This
small form factor encoder is a good fit for
various small electronic applications such as
frequency modulation, volume adjustment, and
function switching.
Electrical Characteristics
Output
10 Pulse/360°
Rated Power
10 mA / 5 Vdc
Phase difference at 60 RPM
3.5 ms minimum
Sliding Noise
2.0 ms maximum
Insulation Resistance
100M Ω 1 minute at 250 Vdc / 1mA
Dielectric Breakdown Voltage
300 VAC / 1mA for 1minute
Features:
•
Compact design
•
360° continuous Rotation
•
Momentary Push switch option
•
Switch life 20,000 cycles minimum
•
Vertical and horizontal mount versions
TA = 25ᵒC unless otherwise noted
OBSOLETE


Similar Part No. - EN09

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EN01Z SANKEN-EN01Z Datasheet
28Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
EN01Z SANKEN-EN01Z Datasheet
109Kb / 3P
Ultra-Fast-Recovery Rectifier Diode
logo
TT Electronics.
EN05 TTELEC-EN05 Datasheet
625Kb / 7P
5 mm Encoder
Rev - 04/2021
EN08 TTELEC-EN08 Datasheet
505Kb / 5P
8 mm rotary encoder
logo
Bi technologies
EN08-C BITECH-EN08-C Datasheet
98Kb / 4P
8 mm Rotary Encoder
More results

Similar Description - EN09

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3315 BOURNS-3315 Datasheet
268Kb / 5P
9 mm Square Sealed Incremental Encoder
3315 BOURNS-3315_10 Datasheet
201Kb / 5P
3315 - 9 mm Square Sealed Incremental Encoder
PEC09 BOURNS-PEC09 Datasheet
331Kb / 3P
PEC09 Series - 9 mm Incremental Encoder
3315Y-001-006L BOURNS-3315Y-001-006L_12 Datasheet
347Kb / 5P
3315 - 9 mm Square Sealed Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
9 mm Incremental Encoder
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
12 mm Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
12 mm Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
16 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
12 mm Incremental Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com