Electronic Components Datasheet Search
  English  ▼

X  

EN09 Datasheet(PDF) 3 Page - TT Electronics.

Part # EN09
Description  9 mm Encoder
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

EN09 Datasheet(HTML) 3 Page - TT Electronics.

  EN09 Datasheet HTML 1Page - TT Electronics. EN09 Datasheet HTML 2Page - TT Electronics. EN09 Datasheet HTML 3Page - TT Electronics. EN09 Datasheet HTML 4Page - TT Electronics. EN09 Datasheet HTML 5Page - TT Electronics. EN09 Datasheet HTML 6Page - TT Electronics. EN09 Datasheet HTML 7Page - TT Electronics. EN09 Datasheet HTML 8Page - TT Electronics. EN09 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
9mm Encoder
EN09 Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Document #: ________________
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com/bi-technologies
Rev - 12/2021 Page 3
Part Family
Terminal Config
V - Vertical
H - Horizontal
B - Vertical with Bracket
Pulses/360°
10 - 10 pulses
Detents/ Rotation
20 - 20/360°
Bushing - D
5 - 5mm
7 - 7mm
15 - 15mm
Switch Option
N - No Switch
S - Switch
Shaft Style
FW - Metal Flatted Shaft - Wide
FS - Metal Flatted Shaft - Skinny
KW - Knurled Metal Shaft - Wide
KS - Knurled Metal Shaft - Skinny
Shaft Length
See Shaft Length Table
Ordering Info
EN09
V
10
20
7
S
FS
010
Order
Code
Shaft
Style
L(a) - Shaft Length (Feature Length)
Units: mm
120
175
200
225
KW
12 (4.5)
17.5 (9.5)
20 (12)
22.5 (12)
085
115
140
KS
8.5(3)
11.5 (5)
14 (7)
010
012
015
018
020
FW
10 (3)
12 (5)
15 (7)
18 (8)
20 (12)
095
012
015
FS
9.5 (3)
12 (5)
15 (7.5)
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com