Electronic Components Datasheet Search
  English  ▼

X  

0830640 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830640
Description  EML-HA (70X32)R SR CUS - Label for rough surfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830640 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830640 Datasheet HTML 1Page - PHOENIX CONTACT 0830640 Datasheet HTML 2Page - PHOENIX CONTACT 0830640 Datasheet HTML 3Page - PHOENIX CONTACT 0830640 Datasheet HTML 4Page - PHOENIX CONTACT 0830640 Datasheet HTML 5Page - PHOENIX CONTACT 0830640 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label for rough surfaces, can be ordered: by line, silver, labeled according to customer
specifications, mounting type: adhesive, text field height: 32 mm, text field width: 70 mm
Your advantages
The EML-HA … self-adhesive device markers are suitable for identification of various types of equipment in controller, system, and control
cabinet building
•
The EML-HA features a special adhesive with a very high bonding strength. This means it can be stuck onto rough, textured, and low-energy
surfaces
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The EML-HA ... materials are UL-listed
•
Marking service: Phoenix Contact can custom-mark all EML-HA ... markers according to your requirements
•
Commercial data
Item number
0830640
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8141
GTIN
4046356719940
Weight per piece (including packing)
1 g
Weight per piece (excluding packing)
1 g
Country of origin
PL
EML-HA (70X32)R SR CUS - Label for rough surfaces
0830640
https://www.phoenixcontact.com/us/products/0830640
Jun 17, 2025, 7:30AM
Page 1 (6)


Similar Part No. - 0830640

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830641 PHOENIX-0830641 Datasheet
188Kb / 6P
EML-HA (70X150)R SR CUS - Label for rough surfaces
0830642 PHOENIX-0830642 Datasheet
188Kb / 6P
EML-HA (76X51)R SR CUS - Label for rough surfaces
0830643 PHOENIX-0830643 Datasheet
189Kb / 6P
EML-HA (85X32)R SR CUS - Label for rough surfaces
0830644 PHOENIX-0830644 Datasheet
51Kb / 3P
High-temperature label - EML-HT (15X6)R
0830645 PHOENIX-0830645 Datasheet
50Kb / 3P
High-temperature label - EML-HT (20X7)R
More results

Similar Description - 0830640

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830607 PHOENIX-0830607 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (70X32)R
0830611 PHOENIX-0830611 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (15X9)R SR
0830612 PHOENIX-0830612 Datasheet
61Kb / 3P
Label for rough surfaces - EML-HA (19X6)R SR
0830613 PHOENIX-0830613 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (20X20)R SR
0830615 PHOENIX-0830615 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (40X8)R SR
0830616 PHOENIX-0830616 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (40X15)R SR
0830617 PHOENIX-0830617 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (60X30)R SR
0830618 PHOENIX-0830618 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (70X32)R SR
0830619 PHOENIX-0830619 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (70X150)R SR
0830620 PHOENIX-0830620 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (76X51)R SR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com