Electronic Components Datasheet Search
  English  ▼

X  

0830640 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0830640
Description  EML-HA (70X32)R SR CUS - Label for rough surfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830640 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0830640 Datasheet HTML 1Page - PHOENIX CONTACT 0830640 Datasheet HTML 2Page - PHOENIX CONTACT 0830640 Datasheet HTML 3Page - PHOENIX CONTACT 0830640 Datasheet HTML 4Page - PHOENIX CONTACT 0830640 Datasheet HTML 5Page - PHOENIX CONTACT 0830640 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Labeled device marker
Product property
highly adhesive
Marking
Number of individual labels per row
1
Identification technology
Thermal transfer for rolls
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Ambient conditions
Ambient temperature (operation)
-40 °C ... 150 °C
Ambient temperature (assembly)
> 5 °C
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in
the original packaging is recommended.
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Shelf life
2 years
Mounting
Mounting type
adhesive
Material specifications
RoHS compliant
yes
Foil strength
56 µm
Adhesive strength
65 µm
Color
silver
Material
Polyester
Components
free from silicone and halogen
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
EML-HA (70X32)R SR CUS - Label for rough surfaces
0830640
https://www.phoenixcontact.com/us/products/0830640
Jun 17, 2025, 7:30AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com