Electronic Components Datasheet Search
  English  ▼

X  

8731AE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # 8731AE
Description  SMBus Level 2 Battery Charger with Remote Sense
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

8731AE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button 8731AE Datasheet HTML 9Page - Maxim Integrated Products 8731AE Datasheet HTML 10Page - Maxim Integrated Products 8731AE Datasheet HTML 11Page - Maxim Integrated Products 8731AE Datasheet HTML 12Page - Maxim Integrated Products 8731AE Datasheet HTML 13Page - Maxim Integrated Products 8731AE Datasheet HTML 14Page - Maxim Integrated Products 8731AE Datasheet HTML 15Page - Maxim Integrated Products 8731AE Datasheet HTML 16Page - Maxim Integrated Products 8731AE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
SMBus Level 2 Battery Charger
with Remote Sense
______________________________________________________________________________________
13
Pin Description
PIN
NAME
FUNCTION
1, 12
GND
Analog Ground. Connect directly to the paddle.
2
ACIN
AC Adapter Detect Input. ACIN is the input to an uncommitted comparator.
3
REF
4.096V Voltage Reference. Bypass REF with a 1µF capacitor to GND.
4
CCS
Input Current Regulation Loop-Compensation Point. Connect 0.01µF from CCS to GND.
5
CCI
Output Current Regulation Loop-Compensation Point. Connect 0.01µF from CCI to GND.
6
CCV
Voltage Regulation Loop-Compensation Point. Connect 10k
Ω in series with 0.01µF to GND.
7
DAC
DAC Voltage Output. Bypass with 0.1µF from DAC to GND.
8
IINP
Input Current Monitor Output. IINP sources the current proportional to the current sensed across
CSSP and CSSN. The transconductance from (CSSP - CSSN) to IINP is 3mA/V.
9
SDA
SMBus Data I/O. Open-drain output. Connect an external pullup resistor according to SMBus specifications.
10
SCL
SMBus Clock Input. Connect an external pullup resistor according to SMBus specifications.
11
VDD
Logic Circuitry Supply-Voltage Input. Bypass with a 0.1µF capacitor to GND.
13
ACOK
AC Detect Output. This open-drain output is high impedance when ACIN is greater than REF/2. The
ACOK output remains low when the MAX8731A is powered down. Connect a 10k
Ω pullup resistor from
VCC to ACOK.
14
BATSEL
Battery Voltage Select Input. Drive BATSEL high to select battery B, or drive BATSEL low to select battery A.
Any change of BATSEL immediately stops charging. Charging begins again in approximately 10ms.
15
FBSA
Remote-Sense Input for the Output Voltage of Battery A. Connect a 100
Ω resistor from FBSA to the
battery connector, and a 10nF capacitor from FBSA to PGND.
16
FBSB
Remote-Sense Input for the Output Voltage of Battery B. Connect a 100
Ω resistor from FBSB to the
battery connector, and a 10nF capacitor from FBSB to PGND.
17
CSIN
Charge Current-Sense Negative Input
18
CSIP
Charge Current-Sense Positive Input. Connect a 10m
Ω current-sense resistor between CSIP and CSIN.
19
PGND
Power Ground
20
DLO
Low-Side Power MOSFET Driver Output. Connect to low-side n-channel MOSFET. DLO drives
between LDO and PGND.
21
LDO
Linear-Regulator Output. LDO is the output of the 5.4V linear regulator supplied from DCIN. LDO also
directly supplies the DLO driver and the BST charge pump. Bypass with a 1µF ceramic capacitor
from LDO to PGND.
22
DCIN
Charger Bias Supply Input. Bypass DCIN with a 0.1µF capacitor to PGND.
23
LX
High-Side Power MOSFET Driver Source Connection. Connect to the source of the high-side n-channel
MOSFET.
24
DHI
High-Side Power MOSFET Driver Output. Connect to the high-side n-channel MOSFET gate.
25
BST
High-Side Power MOSFET Driver Power-Supply Connection. Connect a 0.1µF capacitor from BST to LX.
26
VCC
Device Power-Supply Input. Connect to LDO through an RC filter as shown in Figure 1.
27
CSSN
Input Current-Sense Negative Input
28
CSSP
Input Current-Sense Positive Input. Connect a 10m
Ω current-sense resistor between CSSP and CSSN.
—
BP
Backside Paddle. Connect the backside paddle to analog ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com