Electronic Components Datasheet Search
  English  ▼

X  

8731AE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # 8731AE
Description  SMBus Level 2 Battery Charger with Remote Sense
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

8731AE Datasheet(HTML) 3 Page - Maxim Integrated Products

  8731AE Datasheet HTML 1Page - Maxim Integrated Products 8731AE Datasheet HTML 2Page - Maxim Integrated Products 8731AE Datasheet HTML 3Page - Maxim Integrated Products 8731AE Datasheet HTML 4Page - Maxim Integrated Products 8731AE Datasheet HTML 5Page - Maxim Integrated Products 8731AE Datasheet HTML 6Page - Maxim Integrated Products 8731AE Datasheet HTML 7Page - Maxim Integrated Products 8731AE Datasheet HTML 8Page - Maxim Integrated Products 8731AE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
SMBus Level 2 Battery Charger
with Remote Sense
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDCIN = VLX = VCSSP = VCSSN = 19V, VBST - VLX = 4.5V, VFBSA = VFBSB = VCSIP = VCSIN = 16.8V, BATSEL = GND = PGND = 0,
CLDO = 1µF, VCC = LDO, CREF = 1µF, CDAC = 0.1µF, VDD = 3.3V, ACIN = 2.5V; pins CCI, CCV, and CCS are compensated per
Figure 1; TA = 0
°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Adapter present, not charging, ICSIP + ICSIN + ILX + IFBS,
VFBS_ = VLX = VCSIN = VCSIP = 19V
2
5
Battery Quiescent Current
Adapter absent, ICSIP + ICSIN + ILX + IFBSA + IFBSB + ICSSP
+ ICSSN, VFBS_ = VLX = VCSIN = VCSIP = 19V, VDCIN = 0V
+1
µA
VAdapter = 26V, VBattery = 16.8V, not
charging
200
500
µA
Charging
0.4
1
mA
VAdapter = 19V,
VBattery = 16.8V
Not charging
200
500
µA
Charging
0.4
1
mA
Adapter Quiescent Current
IDCIN +
ICSSP +
ICSSN
VAdapter = 8V,
VBattery = 4V
Not charging
200
500
µA
INPUT-CURRENT REGULATION
CSSP-to-CSSN Full-Scale
Current-Sense Voltage
VFBS_ = 19V
106.7
110
113.3
mV
RS1, Figure 1 = 10m
Ω, InputCurrent() = 11004mA or
3584mA
-3
+3
Input Current Accuracy
RS1, Figure 1 = 10m
Ω, InputCurrent() = 2048mA
-5
+5
%
POR Input Current
RS1, Figure 1 = 10m
Ω
256
mA
Input Current-Limit Gain Error
-2
+2
%
Input Current-Limit Offset
Based on InputCurrent() = 1024mA and 11004mA
-1
+1
mV
CSSP/CSSN Input Voltage Range
8
26
V
IINP Transconductance
VCSSP - CSSN = 110mV
2.85
3.0
3.15
mA/V
IINP Offset
Based on VCSSP - CSSN = 110mV and 20mV
-1.5
+1.5
mV
VCSSP - CSSN = 110mV
-5
+5
VCSSP - CSSN = 55mV or 35mV
-4
+4
IINP Accuracy
VCSSP - CSSN = 20mV
-10
+10
%
IINP Output Voltage Range
0
3.5
V
SUPPLY AND LINEAR REGULATOR
DCIN, Input Voltage Range
8.0
26.0
V
DCIN falling
7
7.4
DCIN Undervoltage-Lockout
Trip Point
DCIN rising
7.5
7.85
V
VCSSP - VCSIN falling
9
15
21
Power-Fail Threshold
VCSSP - VCSIN rising
160
210
271
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com