Electronic Components Datasheet Search
  English  ▼

X  

CD54HC125 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD54HC125
Description  CD74HC125-Q1 Automotive Quadruple Buffers with 3-State Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC125 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC125 Datasheet HTML 1Page - Texas Instruments CD54HC125 Datasheet HTML 2Page - Texas Instruments CD54HC125 Datasheet HTML 3Page - Texas Instruments CD54HC125 Datasheet HTML 4Page - Texas Instruments CD54HC125 Datasheet HTML 5Page - Texas Instruments CD54HC125 Datasheet HTML 6Page - Texas Instruments CD54HC125 Datasheet HTML 7Page - Texas Instruments CD54HC125 Datasheet HTML 8Page - Texas Instruments CD54HC125 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
CD74HC125-Q1
www.ti.com
SCLS579B – APRIL 2004 – REVISED APRIL 2020
Product Folder Links: CD74HC125-Q1
Submit Documentation Feedback
Copyright © 2004–2020, Texas Instruments Incorporated
6.5 Electrical Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
Operating free-air temperature (TA)
UNIT
25°C
-40°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
VOH
High-level output
voltage
VI = VIH or VIL
IOH = -20 µA
2 V
1.9
1.9
V
4.5 V
4.4
4.4
6 V
5.9
5.9
IOH = -6 mA
4.5 V
3.98
3.7
IOH = -7.8 mA
6 V
5.48
5.2
VOL
Low-level output
voltage
VI = VIH or VIL
IOL = 20 µA
2 V
0.1
0.1
V
4.5 V
0.1
0.1
IOL = 20 µA
6 V
0.1
0.1
IOL = 6 mA
4.5 V
0.26
0.4
IOL = 7.8 mA
6 V
0.26
0.4
II
Input leakage
current
VI = VCC or GND
6 V
±0.1
±1
µA
ICC
Supply current
VI = VCC or
GND
IO = 0 mA
6 V
8
160
µA
IOZ
Off-state output
current
VI = VIL or VIH
6 V
±0.5
±10
µA
Ci
Input
capacitance
2 V to 6 V
10
10
pF
CO
Output
capacitance
3-state
20
20
pF
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
FROM
TO
CONDITIONS
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
tpd
Propagation delay
A
Y
CL = 50 pF
2 V
100
150
ns
4.5 V
20
30
6 V
17
26
CL = 15 pF
5 V
8
ten
Enable time
OE
Y
CL = 50 pF
2 V
125
190
ns
4.5 V
25
38
6 V
21
32
CL = 15 pF
5 V
10
tdis
Disable time
OE
Y
CL = 50 pF
2 V
125
190
ns
4.5 V
25
38
6 V
21
32
CL = 15 pF
5 V
10
tt
Transition-time
Y
CL = 50 pF
2 V
60
90
ns
4.5 V
12
18
6 V
10
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com