Electronic Components Datasheet Search
  English  ▼

X  

CD54HC125 Datasheet(PDF) 8 Page - Texas Instruments

Part # CD54HC125
Description  CD74HC125-Q1 Automotive Quadruple Buffers with 3-State Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC125 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD54HC125 Datasheet HTML 4Page - Texas Instruments CD54HC125 Datasheet HTML 5Page - Texas Instruments CD54HC125 Datasheet HTML 6Page - Texas Instruments CD54HC125 Datasheet HTML 7Page - Texas Instruments CD54HC125 Datasheet HTML 8Page - Texas Instruments CD54HC125 Datasheet HTML 9Page - Texas Instruments CD54HC125 Datasheet HTML 10Page - Texas Instruments CD54HC125 Datasheet HTML 11Page - Texas Instruments CD54HC125 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
xA
xY
xOE
8
CD74HC125-Q1
SCLS579B – APRIL 2004 – REVISED APRIL 2020
www.ti.com
Product Folder Links: CD74HC125-Q1
Submit Documentation Feedback
Copyright © 2004–2020, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
This device contains four independent buffers with 3-state outputs. Each gate performs the Boolean function Y =
A in positive logic.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Balanced CMOS 3-State Outputs
A balanced output allows the device to sink and source similar currents. The drive capability of this device may
create fast edges into light loads so routing and load conditions should be considered to prevent ringing.
Additionally, the outputs of this device are capable of driving larger currents than the device can sustain without
being damaged. It is important for the output power of the device to be limited to avoid damage due to over-
current. The electrical and thermal limits defined in the Absolute Maximum Ratings must be followed at all times.
The CD74HC125-Q1 can drive a load with a total capacitance less than or equal to 50 pF connected to a high-
impedance CMOS input while still meeting all of the datasheet specifications. Larger capacitive loads can be
applied, however it is not recommended to exceed 70 pF. If larger capacitive loads are required, it is
recommended to add a series resistor between the output and the capacitor to limit output current to the values
given in the Absolute Maximum Ratings.
3-State outputs can be placed into a high-impedance state. In this state, the output will neither source nor sink
current, and leakage current is defined by the IOZ specification in the Electrical Characteristics. A pull-up or pull-
down resistor can be used to ensure that the output remains HIGH or LOW, respectively, during the high-
impedance state.
8.3.2 Standard CMOS Inputs
Standard CMOS inputs are high impedance and are typically modeled as a resistor from the input to ground in
parallel with the input capacitance given in the Electrical Characteristics. The worst case resistance is calculated
with the maximum input voltage, given in the Absolute Maximum Ratings, and the maximum input leakage
current, given in the Electrical Characteristics, using ohm's law (R = V ÷ I).
Signals applied to the inputs need to have fast edge rates, as defined by Δt/Δv in the Recommended Operating
Conditions to avoid excessive current consumption and oscillations. If a slow or noisy input signal is required, a
device with a Schmitt-trigger input should be used to condition the input signal prior to the standard CMOS input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com