Electronic Components Datasheet Search
  English  ▼

X  

CDC208 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDC208
Description  DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC208 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDC208 Datasheet HTML 2Page - Texas Instruments CDC208 Datasheet HTML 3Page - Texas Instruments CDC208 Datasheet HTML 4Page - Texas Instruments CDC208 Datasheet HTML 5Page - Texas Instruments CDC208 Datasheet HTML 6Page - Texas Instruments CDC208 Datasheet HTML 7Page - Texas Instruments CDC208 Datasheet HTML 8Page - Texas Instruments CDC208 Datasheet HTML 9Page - Texas Instruments CDC208 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CDC208
DUAL 1LINE TO 4LINE CLOCK DRIVER
WITH 3STATE OUTPUTS
SCAS109F − APRIL 1990 − REVISED OCTOBER 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT FOR OUTPUTS
S1
2
× VCC
Open
GND
500
Ω
500
Ω
TEST
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
S1
Open
2
× VCC
GND
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note C)
Output
Waveform 2
S1 at 2
× VCC
(see Note C)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
≈ VCC
0 V
50% VCC
0 V
3 V
(see Note A)
50% VCC
20% VCC
80% VCC
tPLH
tPHL
1.5 V
1.5 V
3 V
0 V
50% VCC
50% VCC
VOH
VOL
Input
(see Note B)
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
For testing pulse duration: tr = tf = 1 to 3 ns. Pulse polarity can be either high-to-low-to-high or low-to-high-to-low.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com