Electronic Components Datasheet Search
  English  ▼

X  

CDC208 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDC208
Description  DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC208 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDC208 Datasheet HTML 3Page - Texas Instruments CDC208 Datasheet HTML 4Page - Texas Instruments CDC208 Datasheet HTML 5Page - Texas Instruments CDC208 Datasheet HTML 6Page - Texas Instruments CDC208 Datasheet HTML 7Page - Texas Instruments CDC208 Datasheet HTML 8Page - Texas Instruments CDC208 Datasheet HTML 9Page - Texas Instruments CDC208 Datasheet HTML 10Page - Texas Instruments CDC208 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CDC208
DUAL 1LINE TO 4LINE CLOCK DRIVER
WITH 3STATE OUTPUTS
SCAS109F − APRIL 1990 − REVISED OCTOBER 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1A, 2A
1Y1
1Y2
1Y3
1Y4
2Y1
2Y2
2Y3
2Y4
tPLH1
tPLH2
tPLH3
tPLH4
tPLH5
tPLH6
tPLH7
tPLH8
tPHL1
tPHL2
tPHL3
tPHL4
tPHL5
tPHL6
tPHL7
tPHL8
NOTE A: Output skew, tsk(o), is calculated as the greater of:
− The difference between the fastest and slowest of tPLHn (n = 1, 2, ..., 8)
− The difference between the fastest and slowest of tPHLn (n = 1, 2, ..., 8)
Figure 2. Waveforms for Calculation of tsk(o)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com