Electronic Components Datasheet Search
  English  ▼

X  

FA1 Datasheet(PDF) 1 Page - TT Electronics.

Part # FA1
Description  Flameproof Metal Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FA1 Datasheet(HTML) 1 Page - TT Electronics.

  FA1 Datasheet HTML 1Page - TT Electronics. FA1 Datasheet HTML 2Page - TT Electronics. FA1 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Flameproof Metal
Film Resistors
FA Series
• Approval to BS CECC 40101-019
and 40101-024
• Resistance range 0.1 ohm to 1M ohm
• Flameproof protection
FA025
FA05
FA1
FA94
Power rating at 70°C
watts
0.5
1.0
1.5
2.0
Resistance range
ohms
0R1 to 1M
0R1 to 1M
0R1 to 1M
2R6 to 1M0
Limiting element voltage
volts
350
350
500
700
Isolation voltage
volts
500
500
700
1000
TCR
ppm/°C
150
Resistance tolerance
%
≤1 ohm: 5, 10 >1 ohm: 1
Ambient temperature range
°C
-55 to 155
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
* Approved CECC 40101-019 / 40101-024
FX
EX
DX
CX
Power rating at 70°C
watts
0.25
0.5
1.0
2.0
Resistance range
ohms
1 to 1M
1 to 1M
1 to 1M
10 to 100k
Limiting element voltage
volts
250
350
500
700
Isolation voltage
volts
500
700
1000
1400
**TCR
ppm/°C
250
Resistance tolerance
%
1
Ambient temperature range
°C
-55 to 125
Standard values
E24 preferred
0
6
0
9
0
1
1
0
4
1
t
t
a
w
/
C
°
e
c
n
a
d
e
p
m
i
l
a
m
r
e
h
T
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
145
*These specicatios are identical except that BS CECC 40101-024 includes ammability tests.
**Specication TCR - actual TCR as for commercial.
L
D
f
d
Dimensions (mm) & Weight (g)
PCB
Min.
mounting
bend
Type
L Max
D Max
f min
d nom
centres
radius
Wt.nom
FA025
6.2
2.5
21.0
0.6
10.2
0.6
0.3
FA05
9.0
3.6
19.6
0.8
12.7
1.2
0.5
FA1
14.5
5.3
23.6
0.8
20.3
1.2
1.1
FA94
13.1
5.9
29.5
0.8
19.5
1.2
1.1
Physical Data
OBSOLETE


Similar Part No. - FA1

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
FA1 WELWYN-FA1 Datasheet
93Kb / 2P
Flameproof Metal Film Resistors
logo
List of Unclassifed Man...
FA1 ETC2-FA1 Datasheet
65Kb / 2P
High Power Flange Mount Attenuators
logo
Carlo Gavazzi Holding A...
FA1 CARLOGAVAZZI-FA1 Datasheet
914Kb / 5P
Fiber Optic Sensor Amplifier Type FA1
FA1-N CARLOGAVAZZI-FA1-N Datasheet
914Kb / 5P
Fiber Optic Sensor Amplifier Type FA1
logo
Amphenol RF.
FA1-NASP-PCBD6 RF-FA1-NASP-PCBD6 Datasheet
254Kb / 1P
FAKRA PCB MOUNT PLUG
23-Nov-07
More results

Similar Description - FA1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF02 VISHAY-CCF02 Datasheet
272Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
02-Feb-06
logo
Welwyn Components Limit...
FA025 WELWYN-FA025 Datasheet
93Kb / 2P
Flameproof Metal Film Resistors
MFP WELWYN-MFP Datasheet
394Kb / 2P
Flameproof Power Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
FLAMEPROOF POWER METAL FILM RESISTORS
logo
Vishay Siliconix
CPF21K2000FKE14 VISHAY-CPF21K2000FKE14 Datasheet
242Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
05-Oct-05
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
Flameproof Power Metal Film Resistors
logo
Vishay Siliconix
CCF02 VISHAY-CCF02_15 Datasheet
144Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
15-Nov-12
CPF VISHAY-CPF Datasheet
98Kb / 4P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Sep-13
FP VISHAY-FP Datasheet
234Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com