Electronic Components Datasheet Search
  English  ▼

X  

FA1 Datasheet(PDF) 3 Page - TT Electronics.

Part # FA1
Description  Flameproof Metal Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FA1 Datasheet(HTML) 3 Page - TT Electronics.

  FA1 Datasheet HTML 1Page - TT Electronics. FA1 Datasheet HTML 2Page - TT Electronics. FA1 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Flameproof Power
Metal Film Resistors
FA Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
Welwyn Components
146
Ordering Procedure
Example: FA05 at 4.7 kilohms and 1% tolerance in ammo pack box of 2500 pieces -
F A 0 5 – 4 K 7 F I
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
J
5%
K
10%
Packing
I
Ammo
FA025
5000/box
Standard
FA05
2500/box
FA1
1000/box
FA94
800/box
For CECC released product state on order the CECC number and style. Example: FA05-4K7JI CECC40101-019 EX
For SnPb finish instead of Pb-free replace the packing suffix with PB. Example: FA05-4K7JPB
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com