Electronic Components Datasheet Search
  English  ▼

X  

74ACT11238D Datasheet(PDF) 4 Page - Texas Instruments

Part # 74ACT11238D
Description  3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11238D Datasheet(HTML) 4 Page - Texas Instruments

  74ACT11238D Datasheet HTML 1Page - Texas Instruments 74ACT11238D Datasheet HTML 2Page - Texas Instruments 74ACT11238D Datasheet HTML 3Page - Texas Instruments 74ACT11238D Datasheet HTML 4Page - Texas Instruments 74ACT11238D Datasheet HTML 5Page - Texas Instruments 74ACT11238D Datasheet HTML 6Page - Texas Instruments 74ACT11238D Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
74ACT11238
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SCAS054 – NOVEMBER 1988 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2–4
switching characteristics, VCC = 5 V ± 0.5 V (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A B or C
Y
1.5
5
8.6
1.5
9.6
ns
tPHL
A, B or C
Y
1.5
5.7
9.7
1.5
10.8
ns
tPLH
G1
Y
1.5
6
8.4
1.5
9.4
ns
tPHL
G1
Y
1.5
6.9
10.2
1.5
11.4
ns
tPLH
G2A G2B
Y
1.5
5.9
9
1.5
10.1
ns
tPHL
G2A, G2B
Y
1.5
7.8
10.7
1.5
12.1
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
CL = 50 pF,
f = 1 MHz
57
pF
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
LOAD CIRCUIT
Input
(see Note B)
1.5 V
1.5 V
50% VCC
50% VCC
tPHL
tPLH
3 V
Output
VOL
VOH
0 V
From Output
Under Test
CL = 50 pF
(see Note A)
500
Ω
NOTES: A. CL includes probe and jig capacitance.
B. Input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
C. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com