Electronic Components Datasheet Search
  English  ▼

X  

74ACT11238D Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11238D
Description  3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT11238D Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11238D Datasheet HTML 1Page - Texas Instruments 74ACT11238D Datasheet HTML 2Page - Texas Instruments 74ACT11238D Datasheet HTML 3Page - Texas Instruments 74ACT11238D Datasheet HTML 4Page - Texas Instruments 74ACT11238D Datasheet HTML 5Page - Texas Instruments 74ACT11238D Datasheet HTML 6Page - Texas Instruments 74ACT11238D Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74ACT11238
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SCAS054 – NOVEMBER 1988 – REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
2–1
• Designed Specifically for High-Speed
Memory Decoders and Data Transmission
Systems
• Noninverting Version of ′ACT11138
• Incorporates 3 Enable Inputs to Simplify
Cascading and/or Data Reception
• Inputs Are TTL-Voltage Compatible
• Flow-Through Architecture Optimizes
PCB Layout
• Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
• EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
• 500-mA Typical Latch-Up Immunity
at 125
°C
• Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
The 74ACT11238 circuit is designed to be used in high-performance memory-decoding or data-routing
applications requiring very short propagation delay times. In high-performance memory systems, this decoder
can be used to minimize the effects of system decoding. When employed with high-speed memories utilizing
a fast enable circuit, the delay times of this decoder and the enable time of the memory are usually less than
the typical access time of the memory. This means that the effective system delay introduced by the decoder
is negligible.
The conditions at the binary select inputs and the three enable inputs select one of eight input lines. Two
active-low and one active-high enable inputs reduce the need for external gates or inverters when expanding.
A 24-line decoder can be implemented without external inverters and a 32-line decoder requires only one
inverter. An enable input can be used as a data input for demultiplexing applications.
The 74ACT11238 is characterized for operation from – 40
°C to 85°C.
FUNCTION TABLE
ENABLE
SELECT
OUTPUTS
INPUTS
INPUTS
OUTPUTS
G1
G2A
G2B
C
B
A
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
X
H
X
X
X
X
L
L
L
L
L
L
L
L
X
XH
X
XX
L
LL
LL
LL
L
L
XX
X
XX
L
LL
LL
LL
L
H
LL
L
LL
H
LL
LL
LL
L
H
LL
L
LH
L
H
L
LL
LL
L
H
LL
L
HL
L
L
H
LL
LL
L
H
LL
L
HH
L
LL
H
L
LL
L
H
LL
H
LL
L
LL
L
H
LL
L
H
LL
H
LH
L
LL
LL
H
L
L
H
LL
H
HL
L
LL
LL
L
H
L
H
L
L
H
H
H
L
L
L
L
L
L
L
H
D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Y1
Y2
Y3
GND
Y4
Y5
Y6
Y7
Y0
A
B
C
VCC
G1
G2A
G2B
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - 74ACT11238D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11238D TI1-74ACT11238D Datasheet
109Kb / 8P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
74ACT11238DR TI1-74ACT11238DR Datasheet
109Kb / 8P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results

Similar Description - 74ACT11238D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11138 TI-74AC11138 Datasheet
127Kb / 8P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
REVISED APRIL 1996
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LV138AT TI1-SN74LV138AT Datasheet
867Kb / 20P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74AHCT138-EP TI1-SN74AHCT138-EP Datasheet
463Kb / 11P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74AHCT138Q-Q1 TI1-SN74AHCT138Q-Q1 Datasheet
275Kb / 12P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
74AC11138 TI1-74AC11138_15 Datasheet
985Kb / 18P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com