Electronic Components Datasheet Search
  English  ▼

X  

B57891 Datasheet(PDF) 13 Page - EPCOS

Part # B57891
Description  Leaded NTCs, lead spacing 2.5 mm
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57891 Datasheet(HTML) 13 Page - EPCOS

Back Button B57891 Datasheet HTML 9Page - EPCOS B57891 Datasheet HTML 10Page - EPCOS B57891 Datasheet HTML 11Page - EPCOS B57891 Datasheet HTML 12Page - EPCOS B57891 Datasheet HTML 13Page - EPCOS B57891 Datasheet HTML 14Page - EPCOS B57891 Datasheet HTML 15Page - EPCOS B57891 Datasheet HTML 16Page - EPCOS B57891 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
B57891S0103H008
R/T No.
4901
T (
°C)
B25/100 = 3950 K, R25 = 10000
Ω, T
R = 25
°C, ∆R
R/RR =
± 3%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
50.0
3661
3512
3810
4.1
1.1
3.8
55.0
3039
2910
3169
4.3
1.2
3.7
60.0
2536
2423
2649
4.4
1.2
3.6
65.0
2128
2030
2227
4.6
1.3
3.5
70.0
1794
1708
1880
4.8
1.4
3.4
75.0
1518
1443
1594
5.0
1.5
3.3
80.0
1290
1224
1356
5.1
1.6
3.2
85.0
1100
1042
1158
5.3
1.7
3.1
90.0
941.8
890.7
992.8
5.4
1.8
3.1
95.0
809.0
763.9
854.0
5.6
1.9
3.0
100.0
697.2
657.4
737.1
5.7
2.0
2.9
105.0
604.0
568.6
639.3
5.9
2.0
2.9
110.0
524.9
493.5
556.4
6.0
2.1
2.8
115.0
457.3
429.3
485.3
6.1
2.2
2.7
120.0
399.6
374.7
424.6
6.3
2.3
2.7
125.0
350.6
328.2
372.9
6.4
2.4
2.6
130.0
308.4
288.4
328.5
6.5
2.5
2.6
135.0
271.9
253.9
289.9
6.6
2.6
2.5
140.0
240.3
224.2
256.5
6.7
2.7
2.5
145.0
212.8
198.3
227.4
6.9
2.9
2.4
150.0
189.0
175.8
202.1
7.0
3.0
2.4
155.0
168.1
156.2
180.0
7.1
3.1
2.3
B57891S0103J008
R/T No.
4901
T (
°C)
B25/100 = 3950 K, R25 = 10000
Ω, T
R = 25
°C, ∆R
R/RR =
± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
878900
791810
965980
9.9
1.4
7.1
50.0
617590
558900
676280
9.5
1.4
6.9
45.0
439340
399290
479380
9.1
1.4
6.7
40.0
316180
288540
343830
8.7
1.3
6.5
35.0
230060
210760
249360
8.4
1.3
6.3
30.0
169150
155540
182760
8.0
1.3
6.1
25.0
125550
115860
135240
7.7
1.3
5.9
20.0
94143
87172
101110
7.4
1.3
5.7
15.0
71172
66117
76228
7.1
1.3
5.5
10.0
54308
50609
58008
6.8
1.3
5.4
5.0
41505
38794
44216
6.5
1.3
5.2
0.0
32014
30009
34019
6.3
1.2
5.0
Temperature measurement
B57891
Leaded NTCs, lead spacing 2.5 mm
S891
Page 13 of 25
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com