Electronic Components Datasheet Search
  English  ▼

X  

B57891 Datasheet(PDF) 21 Page - EPCOS

Part # B57891
Description  Leaded NTCs, lead spacing 2.5 mm
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57891 Datasheet(HTML) 21 Page - EPCOS

Back Button B57891 Datasheet HTML 17Page - EPCOS B57891 Datasheet HTML 18Page - EPCOS B57891 Datasheet HTML 19Page - EPCOS B57891 Datasheet HTML 20Page - EPCOS B57891 Datasheet HTML 21Page - EPCOS B57891 Datasheet HTML 22Page - EPCOS B57891 Datasheet HTML 23Page - EPCOS B57891 Datasheet HTML 24Page - EPCOS B57891 Datasheet HTML 25Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
B57891S0104J008
R/T No.
4003
T (
°C)
B25/100 = 4450 K, R25 = 100000
Ω, T
R = 25
°C, ∆R
R/RR =
± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
40.0
3798800
3448800
4148700
9.2
1.4
6.5
35.0
2756500
2513700
2999400
8.8
1.4
6.4
30.0
2014200
1844500
2184000
8.4
1.4
6.2
25.0
1480100
1360900
1599400
8.1
1.3
6.1
20.0
1097600
1013000
1182100
7.7
1.3
6.0
15.0
817440
757260
877630
7.4
1.3
5.8
10.0
614070
570870
657270
7.0
1.2
5.7
5.0
463310
432180
494440
6.7
1.2
5.5
0.0
352440
329820
375050
6.4
1.2
5.4
5.0
269950
253420
286480
6.1
1.2
5.3
10.0
208310
196140
220480
5.8
1.1
5.1
15.0
161890
152880
170910
5.6
1.1
5.0
20.0
126660
119940
133380
5.3
1.1
4.9
25.0
100000
95000
105000
5.0
1.1
4.8
30.0
78351
74201
82501
5.3
1.1
4.6
35.0
62372
58920
65824
5.5
1.2
4.5
40.0
49937
47058
52816
5.8
1.3
4.4
45.0
40218
37810
42627
6.0
1.4
4.3
50.0
32557
30537
34577
6.2
1.5
4.2
55.0
26402
24709
28096
6.4
1.6
4.1
60.0
21527
20103
22952
6.6
1.6
4.0
65.0
17693
16487
18899
6.8
1.7
3.9
70.0
14616
13591
15640
7.0
1.8
3.8
75.0
12097
11226
12967
7.2
1.9
3.8
80.0
10053
9312
10795
7.4
2.0
3.7
85.0
8376
7744
9009
7.6
2.1
3.6
90.0
7004
6463
7545
7.7
2.2
3.5
95.0
5894
5429
6359
7.9
2.3
3.4
100.0
4978
4577
5378
8.0
2.4
3.4
105.0
4215
3869
4561
8.2
2.5
3.3
110.0
3580
3281
3880
8.4
2.6
3.2
115.0
3050
2791
3310
8.5
2.7
3.2
120.0
2607
2381
2832
8.7
2.8
3.1
125.0
2233
2037
2430
8.8
2.9
3.0
130.0
1919
1747
2090
8.9
3.0
3.0
135.0
1652
1502
1801
9.1
3.1
2.9
140.0
1425
1294
1556
9.2
3.2
2.9
145.0
1237
1121
1352
9.3
3.3
2.8
150.0
1076
974.0
1178
9.5
3.4
2.8
155.0
939.3
849.3
1029
9.6
3.5
2.7
Temperature measurement
B57891
Leaded NTCs, lead spacing 2.5 mm
S891
Page 21 of 25
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com