Electronic Components Datasheet Search
  English  ▼

X  

DAC7631EB Datasheet(PDF) 17 Page - Texas Instruments

Part # DAC7631EB
Description  Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7631EB Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC7631EB Datasheet HTML 13Page - Texas Instruments DAC7631EB Datasheet HTML 14Page - Texas Instruments DAC7631EB Datasheet HTML 15Page - Texas Instruments DAC7631EB Datasheet HTML 16Page - Texas Instruments DAC7631EB Datasheet HTML 17Page - Texas Instruments DAC7631EB Datasheet HTML 18Page - Texas Instruments DAC7631EB Datasheet HTML 19Page - Texas Instruments DAC7631EB Datasheet HTML 20Page - Texas Instruments DAC7631EB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
®
DAC7631
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
tDS
Data Valid to CLK Rising
10
ns
tDH
Data Held Valid after CLK Rises
20
ns
tCH
CLK HIGH
25
ns
tCL
CLK LOW
25
ns
tCSS
CS LOW to CLK Rising
15
ns
tCSH
CLK HIGH to CS Rising
0
ns
tLD1
LOAD HIGH to CLK Rising
10
ns
tLD2
CLK Rising to LOAD LOW
30
ns
tLDRW
LOAD LOW Time
30
ns
tLDDL
LDAC LOW Time
100
ns
tLDDH
LDAC HIGH Time
150
ns
tSDO
SDO Propagation Delay
10
45
ns
tRSSS
RESETSEL Valid to RESET HIGH
0
ns
tRSSH
RESET HIGH to RESETSEL Not Valid
100
ns
tRSTL
RESET LOW Time
10
ns
tRSTH
RESET HIGH Time
10
ns
tLDDD
LOAD LOW to LDAC Rising Time
40
ns
tS
Settling Time
10
µs
TABLE III. Timing Specifications (TA = –40°C to +85°C).
FIGURE 15. Digital Input and Output Timing.
D15
(LSB)
SDI
CLK
CS
LOAD
D14
D3
D2
D1
D0
SDI
CLK
LDAC
RESET
V
OUT
tcss
t
LD1
t
CL
t
SDO
t
CH
t
DS
t
DH
t
LD2
t
LDRW
t
S
t
RSTH
t
RSTL
t
RSSS
t
RSSH
SDO
t
CSH
t
S
±0.003%
ERROR BAND
±1LSB
ERROR BAND
RESETSEL
D11
D10
D9
D12
D13
(MSB)
t
LDDD
LDAC
t
LDDH
t
LDDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com