Electronic Components Datasheet Search
  English  ▼

X  

DAC7631EB Datasheet(PDF) 18 Page - Texas Instruments

Part # DAC7631EB
Description  Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7631EB Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC7631EB Datasheet HTML 14Page - Texas Instruments DAC7631EB Datasheet HTML 15Page - Texas Instruments DAC7631EB Datasheet HTML 16Page - Texas Instruments DAC7631EB Datasheet HTML 17Page - Texas Instruments DAC7631EB Datasheet HTML 18Page - Texas Instruments DAC7631EB Datasheet HTML 19Page - Texas Instruments DAC7631EB Datasheet HTML 20Page - Texas Instruments DAC7631EB Datasheet HTML 21Page - Texas Instruments DAC7631EB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
®
18
DAC7631
Figure 16 shows a DAC7631 in a 4mA to 20mA current
output configuration. The output current can be determined
by Equation 3:
I
VV
N
V
OUT =




+ 
25
05
125
65 536
05
125
.– .
•
,
.
ΩΩ
(3)
At full-scale, the output current is 16mA, plus the 4mA, for
the zero current. At zero scale the output current is the offset
current of 4mA (0.5V/125
Ω).
FIGURE 16. 4-to-20mA Digitally Controlled Current Source (1/2 DAC7631).
Reset DAC Registers
Chip Select
Load
DGND
V
DD
SDI
CLK
CS
V
CC
I
OUT
125
Ω
V
PROGRAMMED
AGND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DAC7631
OPA2350
+V
+V
+2.5V
V
REFH Sense
V
REFH
V
REFL Sense
V
REFL
SDO
V
SS
V
OUT Sense
V
OUT
NC
RSTSEL
RST
LOAD
Serial Data In
Clock
Load DAC Registers
LDAC
Serial Data Out
+
0.1
µF1µF
+5V
20k
Ω
80k
Ω
100
Ω
2200pF
2200pF
1000pF
1000pF
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com